Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM37547S Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM37547S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37547S Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM37547S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 9Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 10Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 11Page - Union Semiconductor, Inc. UM37547S Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
11/12
UM375xx
UM375xxP: SOT353
Outline Drawing
e
e1
D
b
θ
20
c
5
4
3
2
1
Top View
End View
Side View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.877
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.220
0.003
0.009
D
1.800
2.200
0.071
0.087
E
1.150
1.350
0.045
0.053
E1
2.000
2.450
0.079
0.096
e
0.650REF
0.026REF
e1
1.200
1.400
0.047
0.055
L
0.488REF
0.020REF
L1
0.260
0.460
0.010
0.018
θ
Land Pattern
1.30
0.35
NOTES:
1. Compound dimension: 2.00×1.25;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
VXX


Similar Part No. - UM37547S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37547S UNIONSEMI-UM37547S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37547S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com