Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15427S Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM15427S
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15427S Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM15427S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 9Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 10Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 11Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 12Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 13Page - Union Semiconductor, Inc. UM15427S Datasheet HTML 14Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
10/19
UM153xx/UM154xx
Typical Performance Characteristics (Continued)
VIN=3.5V to 4.5V
(100mV/div)
VOUT=1.8 V, IOUT=10mA
UM15318S 50μs/div
UM15318S 50μs/div
VIN=3.5V, VOUT=1.8V
100mV/div
(2V/div)
Iload=10mA to 100mA
(100mA/div)
UM15333S, VIN=4.3V
UM15333S
UM15318S
UM15315S
Output Voltage vs Output Current
Dropout Voltage vs Output Current
Dropout Voltage vs Output Current
Dropout Voltage vs Output Current
Line Transient Response
Load Transient Response


Similar Part No. - UM15427S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15427S UNIONSEMI-UM15427S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15427S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com