Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM36531P Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM36531P
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36531P Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM36531P Datasheet HTML 1Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 2Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 3Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 4Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 5Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 6Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 7Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 8Page - Union Semiconductor, Inc. UM36531P Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
3/10
UM365xx
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM36512P
1.2V
SOT323
VS2
3000pcs/7Inch
Tape & Reel
UM36513P
1.3V
VS3
UM36514P
1.4V
VS4
UM36515P
1.5V
VS5
UM36516P
1.6V
VS6
UM36517P
1.7V
VS7
UM36518P
1.8V
VS8
UM36519P
1.9V
VS9
UM36520P
2.0V
VSA
UM36521P
2.1V
VSB
UM36522P
2.2V
VR2
UM36523P
2.3V
VR3
UM36524P
2.4V
VR4
UM36525P
2.5V
VR5
UM36526P
2.6V
VR6
UM36527P
2.7V
VR7
UM36528P
2.8V
VR8
UM36529P
2.9V
VR9
UM36530P
3.0V
VRA
UM36531P
3.1V
VRB
UM36532P
3.2V
VZ2
UM36533P
3.3V
VZ3
UM36534P
3.4V
VZ4
UM36535P
3.5V
VZ5
UM36536P
3.6V
VZ6
UM36537P
3.7V
VZ7
UM36538P
3.8V
VZ8
UM36539P
3.9V
VZ9
UM36540P
4.0V
VZA
UM36541P
4.1V
VZB
UM36542P
4.2V
ZL2
UM36543P
4.3V
ZL3
UM36544P
4.4V
ZL4
UM36545P
4.5V
ZL5
UM36546P
4.6V
ZL6
UM36547P
4.7V
ZL7
UM36548P
4.8V
ZL8
UM36549P
4.9V
ZL9
UM36550P
5.0V
ZLA


Similar Part No. - UM36531P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36530S UNIONSEMI-UM36530S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36533S UNIONSEMI-UM36533S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36535S UNIONSEMI-UM36535S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36536S UNIONSEMI-UM36536S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36538S UNIONSEMI-UM36538S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36531P

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com