Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM14246B Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM14246B
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14246B Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM14246B Datasheet HTML 2Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 3Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 4Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 5Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 6Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 7Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 8Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 9Page - Union Semiconductor, Inc. UM14246B Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 May.2016
8/10
UM142xx
Package Information
UM142xxS: SOT23-3
Outline Drawing
e1
b
D
e
Top View
Side View
3
1
2
c
θ
End View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
1.013
1.15
1.40
0.040
0.045
0.055
A1
0.00
0.05
0.10
0.000
0.002
0.004
A2
1.00
1.10
1.30
0.039
0.043
0.051
b
0.30
-
0.50
0.012
-
0.020
c
0.10
0.15
0.20
0.004
0.006
0.008
D
2.82
-
3.10
0.111
-
0.122
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
2.60
2.80
3.00
0.102
0.110
0.118
e
0.95REF
0.037REF
e1
1.90REF
0.075REF
L
0.30
-
0.60
0.012
-
0.024
θ
-
-
Land Pattern
1.90
0.56
NOTES:
1. Compound dimension: 2.92×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
5XX


Similar Part No. - UM14246B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14246B UNIONSEMI-UM14246B Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14246B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com