Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15443Y Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM15443Y
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15443Y Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM15443Y Datasheet HTML 1Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM15443Y Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
3/19
UM153xx/UM154xx
Pin Description
Pin Number
Symbol
Function
UM153xxS
UM153xxY
UM153xxDA
UM154xxS
UM154xxY
UM154xxDA
3
2
4
1
4
6
VIN
Power Supply
1
1
3
2
2
2
GND
Ground
-
-
-
3
3
5
EN
Enable Input,
Active High
-
-
2
4
1
3, 4
NC
Not Connected
2
3
1
5
5
1
VOUT
Voltage
Regulated
Output
Available Voltage Version
Part Number
Output Voltage
Marking Code
Package
Shipping Qty
UM15313S
1.3V
UC3
SOT23-3
3000pcs/7Inch
Tape & Reel
UM15315S
1.5V
UC5
SOT23-3
UM15318S
1.8V
UC8
SOT23-3
UM15325S
2.5V
UD5
SOT23-3
UM15327S
2.7V
UD7
SOT23-3
UM15328S
2.8V
UD8
SOT23-3
UM15330S
3.0V
UDA
SOT23-3
UM15333S
3.3V
UG3
SOT23-3
UM15335S
3.5V
UG5
SOT23-3
UM15336S
3.6V
UG6
SOT23-3
UM15338S
3.8V
UG8
SOT23-3
UM15340S
4.0V
UGA
SOT23-3
UM15342S
4.2V
UI2
SOT23-3
UM15343S
4.3V
UI3
SOT23-3
UM15345S
4.5V
UI5
SOT23-3
UM15347S
4.7V
UI7
SOT23-3
UM15348S
4.8V
UI8
SOT23-3
UM15350S
5.0V
UIA
SOT23-3


Similar Part No. - UM15443Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15443S UNIONSEMI-UM15443S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15443Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com