Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15415DA Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM15415DA
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15415DA Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM15415DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 9Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 10Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 11Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 12Page - Union Semiconductor, Inc. UM15415DA Datasheet HTML 13Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
9/19
UM153xx/UM154xx
Typical Performance Characteristics
Output Voltage vs Output Current
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0
50
100
150
200
250
300
Output Current (mA)
UM15318S,VIN=3.5V
Output Voltage vs Input Voltage
1.770
1.775
1.780
1.785
1.790
1.795
1.800
1.805
2.1 2.5 2.9 3.3 3.7 4.1 4.5 4.9 5.3 5.7
Input Voltage (V)
Iout=40mA
Iout=100mA
UM15318S
Output Voltage vs Ambient Temperature
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
-40 -25 -10 5
20 35 50 65 80 95
Ambient Temperature (℃)
Quiescent Current vs Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100 120
Temperature (℃)
UM15318S, VIN=3.5V
UM15318S, VIN=3.5V
Quiescent Current vs Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
UM15318S,Ta=25℃
UM15315S, VIN=3.0V
UM15318S, VIN=3.5V
Quiescent Current vs Input Voltage
Quiescent Current vs Ambient Temperature
Output Voltage vs Input Voltage
Output Voltage vs Ambient Temperature
Output Voltage vs Output Current
Output Voltage vs Output Current


Similar Part No. - UM15415DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15415S UNIONSEMI-UM15415S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15415DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com