Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0766803056 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0766803056
Description  GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0766803056 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0766803056 Datasheet HTML 1Page - Molex Electronics Ltd. 0766803056 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-609
Product Specification
PS-75710-999
Sales Drawing
SD-76680-002
This document was generated on 06/09/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0766803056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0766803055 MOLEX11-0766803055 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766803055 MOLEX1-0766803055_17 Datasheet
44Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766803058 MOLEX11-0766803058 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
More results

Similar Description - 0766803056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0766803058 MOLEX11-0766803058 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805055 MOLEX11-0766805055 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805005 MOLEX1-0766805005_17 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805058 MOLEX11-0766805058 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805055 MOLEX1-0766805055_17 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805006 MOLEX1-0766805006_17 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805106 MOLEX1-0766805106_17 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766803055 MOLEX11-0766803055 Datasheet
43Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766805008 MOLEX1-0766805008_17 Datasheet
45Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
0766801006 MOLEX1-0766801006_17 Datasheet
42Kb / 2P
   GbX I-Trac NXT Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com