Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15443DA Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM15443DA
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15443DA Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM15443DA Datasheet HTML 1Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 2Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM15443DA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
1/19
UM153xx/UM154xx
Ultra Low Quiescent Current Linear Regulator
UM153xxS SOT23-3
UM153xxY SOT89-3
UM153xxDA DFN4 1.8×1.2
UM154xxS SOT23-5
UM154xxY SOT89-5
UM154xxDA DFN6 2.0×2.0
General Description
The UM153xx/UM154xx series are ultra low quiescent current low dropout linear regulators
designed for low power portable applications. The range of output voltage is from 1.3V to 5.0V
while operated from 2.2V to 5.5V input. The EN function of UM154xx can disable the entire
circuit by inputting low level signal.
The UM153xx/UM154xx series offer high output voltage accuracy, excellent transient response,
stability with ultra low ESR ceramic capacitors as small as 1μF, thermal overload protection and
output current limiting. The UM153xx is available in a low profile SOT23-3, SOT89-3 or DFN4
1.8×1.2 package. The UM154xx is available in a low profile SOT23-5, SOT89-5 or DFN6
2.0×2.0 package.
Applications
Features
Battery-Powered Systems
Reference Voltage Sources
Portable AV Systems
Portable Games
Cellular Phones
Utility Meters
Toys
Maximum Input Voltage: 5.5V
±2.0% Voltage Accuracy at 30mA
Fast Transient Response
Output Current Limit
Stable with 1μF Output Capacitor
Thermal Overload Protection
Low Profile SOT23-3, SOT89-3 or DFN4
1.8×1.2 Package(UM153xx)
Low Profile SOT23-5, SOT89-5 or DFN6
2.0×2.0 Package(UM154xx)
UM153xx Series Pin Configurations & Top View
GND
VOUT
VIN
1
2
3
1
2
3
XXX
M: Month Code
UM153xxS
SOT23-3


Similar Part No. - UM15443DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15443S UNIONSEMI-UM15443S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15443DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com