Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL218197702E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL218197702E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL218197702E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL218197702E3 Datasheet HTML 1Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 2Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 3Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 4Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 5Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 6Page - Vishay Siliconix MAL218197702E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
5
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Conductive polymer 181 CPL series
100 μF / 16 V; ± 20 %
Nominal case size: 10.4 mm x 10.4 mm x 7.7 mm; taped on
reel
Ordering code: MAL218197504E3
Table 5
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 105 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
105 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
ORDERING CODE
MAL2181...
4.0
150
6.6 x 6.6 x 5.9
2570
120
0.12
0.022
97701E3
270
8.4 x 8.4 x 6.7
3220
216
0.12
0.022
97702E3
330
6.6 x 6.6 x 5.9
2800
264
0.12
0.020
97703E3
330
8.4 x 8.4 x 6.7
3220
264
0.12
0.022
97704E3
560
8.4 x 8.4 x 6.7
3600
448
0.12
0.018
97705E3
680
10.4 x 10.4 x 7.7
4130
544
0.12
0.020
97706E3
6.3
100
6.6 x 6.6 x 5.9
2800
126
0.12
0.022
97301E3
120
6.6 x 6.6 x 5.9
2800
151
0.12
0.022
97302E3
220
6.6 x 6.6 x 5.9
2800
277
0.12
0.020
97303E3
220
8.4 x 8.4 x 6.7
3220
277
0.12
0.022
97306E3
390
8.4 x 8.4 x 6.7
3220
491
0.12
0.022
97307E3
470
10.4 x 10.4 x 7.7
4130
592
0.12
0.020
97308E3
10
56
6.6 x 6.6 x 5.9
2300
112
0.12
0.027
97401E3
68
6.6 x 6.6 x 5.9
2300
136
0.12
0.027
97402E3
120
6.6 x 6.6 x 5.9
2300
240
0.12
0.027
97403E3
150
8.4 x 8.4 x 6.7
2760
300
0.12
0.030
97404E3
150
10.4 x 10.4 x 7.7
3020
300
0.12
0.030
97405E3
270
8.4 x 8.4 x 6.7
3200
540
0.12
0.022
97406E3
330
10.4 x 10.4 x 7.7
3770
660
0.12
0.024
97407E3
16
39
6.6 x 6.6 x 5.9
2200
125
0.12
0.030
97501E3
68
6.6 x 6.6 x 5.9
2200
218
0.12
0.030
97502E3
82
8.4 x 8.4 x 6.7
2800
262
0.12
0.028
97503E3
100
10.4 x 10.4 x 7.7
2670
320
0.12
0.035
97504E3
120
8.4 x 8.4 x 6.7
2800
384
0.12
0.028
97505E3
180
10.4 x 10.4 x 7.7
3430
576
0.12
0.029
97506E3
820
10.4 x 10.4 x 12.6
5400
2624
0.12
0.012
97507E3
20
56
6.6 x 6.6 x 5.9
1300
224
0.12
0.048
97201E3
270
8.4 x 8.4 x 12
4000
1080
0.12
0.021
97202E3
390
8.4 x 8.4 x 12
4950
1560
0.12
0.014
97203E3
470
10.4 x 10.4 x 12.6
4300
1880
0.12
0.020
97204E3
25
47
6.6 x 6.6 x 5.9
1300
235
0.12
0.049
97601E3
150
8.4 x 8.4 x 12
2200
750
0.12
0.028
97602E3
270
10.4 x 10.4 x 12.6
2700
1350
0.12
0.027
97603E3
35
18
6.6 x 6.6 x 5.9
900
126
0.12
0.064
97001E3
82
8.4 x 8.4 x 12
2200
574
0.12
0.029
97002E3
150
10.4 x 10.4 x 12.6
2600
1050
0.12
0.028
97003E3


Similar Part No. - MAL218197702E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218097001E3 VISHAY-MAL218097001E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097002E3 VISHAY-MAL218097002E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097003E3 VISHAY-MAL218097003E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097201E3 VISHAY-MAL218097201E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097202E3 VISHAY-MAL218097202E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
More results

Similar Description - MAL218197702E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
180CPS VISHAY-180CPS Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com