Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2026-25-CLF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 2026-25-CLF
Description  3-Pole Gas Discharge Tube
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2026-25-CLF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  2026-25-CLF Datasheet HTML 1Page - Bourns Electronic Solutions 2026-25-CLF Datasheet HTML 2Page - Bourns Electronic Solutions 2026-25-CLF Datasheet HTML 3Page - Bourns Electronic Solutions 2026-25-CLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3312 - 2 mm SMD Trimming Potentiometer
REV. 11/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2026 Series - 3-Pole Gas Discharge Tube
Switch-Grade Fail-short Device Shorting Curve 2026-XX-XF
10.0
20.0
30.0
5.0
1.0
0.5
0.1
1
10
100
ELTGS = Each Line to Ground Simultaneously
NOTE: When using a GDT fail-short device, it is imperative that all components associated and
connected to the GDT with failsafe be tested in their respective completely integrated environment
(finished product) to assure desired operation.
Seconds
1000


Similar Part No. - 2026-25-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026-25 BOURNS-2026-25 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
2026-25 BOURNS-2026-25 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
More results

Similar Description - 2026-25-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2026-35-C2F BOURNS-2026-35-C2F Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com