Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L004TL-70 Datasheet(PDF) 9 Page - AMIC Technology

Part # A29L004TL-70
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004TL-70 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A29L004TL-70 Datasheet HTML 5Page - AMIC Technology A29L004TL-70 Datasheet HTML 6Page - AMIC Technology A29L004TL-70 Datasheet HTML 7Page - AMIC Technology A29L004TL-70 Datasheet HTML 8Page - AMIC Technology A29L004TL-70 Datasheet HTML 9Page - AMIC Technology A29L004TL-70 Datasheet HTML 10Page - AMIC Technology A29L004TL-70 Datasheet HTML 11Page - AMIC Technology A29L004TL-70 Datasheet HTML 12Page - AMIC Technology A29L004TL-70 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
A29L004 Series
PRELIMINARY
(October, 2002, Version 0.0)
9
AMIC Technology, Corp.
Table 4. A29L004 Autoselect Codes (High Voltage Method)
Description
CE
OE
WE
A18
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
I/O7
to
I/O0
Manufacturer ID: AMIC
L
L
H
X
X
VID
X
L
X
L
L
37h
Device ID: A29L004
(Top Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
34h
Device ID: A29L004
(Bottom Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
B5h
Continuation ID
L
L
H
X
X
VID
X
L
X
H
H
7Fh
01h
(protected)
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L
00h
(unprotected)
L=Logic Low= VIL, H=Logic High=VIH, SA=Sector Address, X=Don’t Care.
Note: The autoselect codes may also be accessed in-system via command sequences.


Similar Part No. - A29L004TL-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004AL AMICC-A29L004AL Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-0F AMICC-A29L004ATL-0F Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-70 AMICC-A29L004ATL-70 Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-90 AMICC-A29L004ATL-90 Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L004TL-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com