Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA05B-024L-120S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AA05B-024L-120S
Description  6W max 4.5V or 24V or 48V inputs Single / Dual output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AA05B-024L-120S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AA05B-024L-120S Datasheet HTML 1Page - List of Unclassifed Manufacturers AA05B-024L-120S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The AA05B DC-DC converter series
is part of Astec's family of advanced
modular power supply components.
Featuring high reliability and small
size, these modules are designed to
reduce product development time and
enhance system performance. The
AA05B offer single and dual outputs
in a compact package. These units
are ideally suited for tele-
communications, industrial, computer
and distributed power system
applications having a widely varying
input voltage.
Special Features
6 watts
Singles and duals
110 KHz frequency (typical)
Isolated output
Surface mount internal
construction
Six-sided shielding
Wide 4:1 input range
Small size 2.0" x 1.0 "x 0.40"
5 year warranty
Environmental
Operating
-25°C to +71°C
Temperature
(no derating)
(ambient)
Storage
-25°C to +105°C
Temperature
Cooling
Convection
Method
Electrical Specifications
Input
Input Range
4.5 to 5.5VDC
9 to 36 VDC
20 to 72 VDC
Efficiency
80-85% typical
Input Ripple
<100 mA p-p
Current
Output
Voltage Tolerance
±1% max
(factory set-point)
Line Regulation
1%
Load Regulation
5% (20% to full
load)
5Vdc output
3% (20% to full
load) all others
Noise/Ripple
50mV p-p, under
specified conditions
Output Voltage
Zener clamp
Protection
Short Circuit
Power cycling,
auto- recovery
Isolation
Input to Output
1500 VDC
Notes
20% minimum load required.
All specifications are typical at nominal
input and full load unless otherwise noted.
Specifications subject to change without
notice.
Mechanical drawings for reference only.
AMPSS®
MICRO REGULATOR
AA05B Series
6W max
4.5V or 24V or 48V inputs
Single / Dual output
55
North America: 760-930-4600 Europe (UK): 01384-842211


Similar Part No. - AA05B-024L-120S

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0500-10-3X BARRY-AA0500-10-3X Datasheet
140Kb / 1P
   Aluminum Nitride
12/02/08
AA0500-100-13X BARRY-AA0500-100-13X Datasheet
132Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 01/29/09
AA0500-100-14X BARRY-AA0500-100-14X Datasheet
152Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/12/09
AA0500-100-8X BARRY-AA0500-100-8X Datasheet
568Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 08/22/06
AA0500-250-10X BARRY-AA0500-250-10X Datasheet
130Kb / 1P
   Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 03/09/09
More results

Similar Description - AA05B-024L-120S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Silicon Laboratories
SI827X SILABS-SI827X Datasheet
763Kb / 43P
   Single PWM or dual digital inputs
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
   Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
   mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Recom International Pow...
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com