Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3522-01 Datasheet(PDF) 3 Page - Fuji Electric

Part # 2SK3522-01
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3522-01 Datasheet(HTML) 3 Page - Fuji Electric

  2SK3522-01 Datasheet HTML 1Page - Fuji Electric 2SK3522-01 Datasheet HTML 2Page - Fuji Electric 2SK3522-01 Datasheet HTML 3Page - Fuji Electric 2SK3522-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
2SK3522-01
FUJI POWER MOSFET
VGS=f(Qg):ID=21A, Tch=25°C
IF=f(VSD):80µs Pulse test,Tch=25°C
t=f(ID):Vcc=300V, VGS=10V, RG=10
VGS(th)=f(Tch):VDS=VGS,ID=250µA
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
max.
min.
Gate Threshold Voltage vs. Tch
Tch [
°C]
0
204060
80
100
120
0
2
4
6
8
10
12
14
16
18
20
22
24
Vcc= 100V
Vcc= 400V
Qg [nC]
Typical Gate Charge Characteristics
Vcc= 250V
10
-1
10
0
10
1
10
2
10
3
10
-3
10
-2
10
-1
10
0
10
1
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.1
1
10
100
VSD [V]
Typical Forward Characteristics of Reverse Diode
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
Typical Switching Characteristics vs. ID
td(on)
tr
tf
td(off)
ID [A]
0
255075
100
125
150
0
50
100
150
200
250
300
350
400
450
500
starting Tch [
°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=50V,I(AV)<=21A


Similar Part No. - 2SK3522-01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3522-01 FUJI-2SK3522-01 Datasheet
127Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3522-01 FUJI-2SK3522-01_04 Datasheet
127Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - 2SK3522-01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com