Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL218097511E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL218097511E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL218097511E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL218097511E3 Datasheet HTML 1Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 2Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 3Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 4Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 5Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 6Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 7Page - Vishay Siliconix MAL218097511E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
180 CPS
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
1
Document Number: 28415
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Conductive Polymer Aluminum Capacitors
SMD (Chip), Low Impedance
Fig. 1
FEATURES
• Useful life: up to 2500 h at 105 °C
•Very low ESR and highest ripple current
• SMD-version with base plate, lead (Pb)-free
reflow solderable
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology, for high temperature reflow soldering
• Industrial and professional applications
• Telecommunications and IT
• Portable and mobile equipment
MARKING
• Rated capacitance (in μF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Blue mark or “-” sign indicating the cathode (the anode is
identified by bevelled edges)
• Code indicating group number (S)
PACKAGING
Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
5.3 x 5.3 x 5.7
to 10.4 x 10.4 x 12.6
Rated capacitance range, CR
22 μF to 2700 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
2.5 V to 35 V
Category temperature range
-55 °C to +105 °C
Endurance test at 105 °C
2000 h
Useful life at 105 °C
2500 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional
specification
IEC 60384-18 / CECC 32300
Climatic category IEC 60068
55/105/56
longer
181 CPL
105 °C
lifetime
180 CPS
105 °C


Similar Part No. - MAL218097511E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197001E3 VISHAY-MAL218197001E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218197002E3 VISHAY-MAL218197002E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218197003E3 VISHAY-MAL218197003E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218197201E3 VISHAY-MAL218197201E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218197202E3 VISHAY-MAL218197202E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
More results

Similar Description - MAL218097511E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
180CPS VISHAY-180CPS Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com