Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2026-23-C4LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2026-23-C4LF
Description  3-Pole Gas Discharge Tube
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2026-23-C4LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2026-23-C4LF Datasheet HTML 1Page - Bourns Electronic Solutions 2026-23-C4LF Datasheet HTML 2Page - Bourns Electronic Solutions 2026-23-C4LF Datasheet HTML 3Page - Bourns Electronic Solutions 2026-23-C4LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Balanced TRIGARD®
Approximately 8 mm diameter, 11 mm long
UL Recognized
Custom configurations available
High surge current rating
Stable breakdown throughout life
RoHS compliant* version available
Applications
Telecommunications
Industrial electronics
Commercial electronics
Consumer electronics
Automotive, aircraft, military electronics
Characteristics
2026 Series - 3-Pole Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Characteristic
Model No.
2026-07
2026-09
2026-15
2026-20
2026-23
2026-25
2026-26
DC Sparkover ±20 % @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250 V
260V1
Impulse Sparkover (1)
100 V/μs
1000 V/μs
275 V
700 V
275 V
600 V
350 V
575 V
425 V
625 V
450 V
650 V
475 V
700 V
475 V
700 V
Impulse Transverse Delay.............................................1000 V/μs ................................................................. < 75 ns
Insulation Resistance ...................................................100 V (50 V for Model 2026–07 & 2026-09) ............. > 1010 Ω
Glow Voltage ................................................................10 mA....................................................................... ~ 70 V
Arc Voltage ...................................................................1A ............................................................................. ~ 10 V
Glow-Arc Transition Current ........................................................................................................................... < 0.5 A
Capacitance .................................................................1 MHz....................................................................... < 2 pF
DC Holdover Voltage (3) ...............................................>135 V, (52 V for Model 2026-07 & 2026-09,........... < 150 ms
80 V for Model 2026-15)
Impulse Discharge Current...........................................40000 A, 8/20 μs (4) ..................................................
1 operation minimum
20000 A, 8/20 μs ...................................................... > 10 operations
5000 A, 10/350 μs ...................................................
1 operation
1000 A, 10/1000 μs ................................................. > 400 operations
Alternating Discharge Current ......................................130 Arms, 11 cycles (4) .............................................
1 operation minimum
20 Arms, 1 s ............................................................. > 10 operations
Operation and Storage Temperature..............................................................................................................
-40 to +90 °C
Climatic Category (IEC 60068-1)....................................................................................................................
40/ 90/ 21
An optional Switch-Grade Fail-Short device is available. The optional Fail-Short assembly will activate at a temperature of 215 °C – 217 °C
to provide a high conductive path to ground in case of a thermal overload. GDTs equipped with the optional Fail-Short device should be
soldered either manually at a temperature that is below the activation temperature of the Fail-Short mechanism, or using a selective soldering
process that does not exceed 210 °C.
Notes:
• UL recognized component, UL File E153537.
• Model number marking on tube: 26-xxx V.
• The rated discharge current for TRIGARD® Gas Discharge Tubes is the total current equally divided between each line to ground.
• Sparkover limits after life ±25 %, IR >108Ω (-25 %,+30 % for Model 2026-07, 2026-09 and 2026-60).
• Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.
• At delivery AQL 0.65 Level II, DIN ISO 2859
(2) Tube meets BT requirement Type 14 A/1 (210-310 V).
(3) Network applied.
(4) DC Sparkover may exceed ±25 % after discharge, but will continue to protect without venting.
Characteristic
Model No.
2026-30
2026-35
2026-40
2026-42
2026-47
2026-60
DC Sparkover ±20 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover (1)
100 V/μs
1000 V/μs
550 V
775 V
625 V
875 V
675 V
925 V
725 V
1000 V
800 V
1100 V
925 V
1250 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2026-23-C4LF

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
2026-23-7 WINCHESTER-2026-23-7 Datasheet
97Kb / 1P
   PLUG, ANGLE, 75 BNC
More results

Similar Description - 2026-23-C4LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2026-35-C2F BOURNS-2026-35-C2F Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com