Electronic Components Datasheet Search |
|
2026-15-A1FLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
2026-15-A1FLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 4 page Features ■ Balanced TRIGARD® ■ Approximately 8 mm diameter, 11 mm long ■ UL Recognized ■ Custom configurations available ■ High surge current rating ■ Stable breakdown throughout life ■ RoHS compliant* version available Applications ■ Telecommunications ■ Industrial electronics ■ Commercial electronics ■ Consumer electronics ■ Automotive, aircraft, military electronics Characteristics 2026 Series - 3-Pole Gas Discharge Tube *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards. Characteristic Model No. 2026-07 2026-09 2026-15 2026-20 2026-23 2026-25 2026-26 DC Sparkover ±20 % @ 100 V/s 75 V 90 V 150 V 200 V 230 V 250 V 260V1 Impulse Sparkover (1) 100 V/μs 1000 V/μs 275 V 700 V 275 V 600 V 350 V 575 V 425 V 625 V 450 V 650 V 475 V 700 V 475 V 700 V Impulse Transverse Delay.............................................1000 V/μs ................................................................. < 75 ns Insulation Resistance ...................................................100 V (50 V for Model 2026–07 & 2026-09) ............. > 1010 Ω Glow Voltage ................................................................10 mA....................................................................... ~ 70 V Arc Voltage ...................................................................1A ............................................................................. ~ 10 V Glow-Arc Transition Current ........................................................................................................................... < 0.5 A Capacitance .................................................................1 MHz....................................................................... < 2 pF DC Holdover Voltage (3) ...............................................>135 V, (52 V for Model 2026-07 & 2026-09,........... < 150 ms 80 V for Model 2026-15) Impulse Discharge Current...........................................40000 A, 8/20 μs (4) .................................................. 1 operation minimum 20000 A, 8/20 μs ...................................................... > 10 operations 5000 A, 10/350 μs ................................................... 1 operation 1000 A, 10/1000 μs ................................................. > 400 operations Alternating Discharge Current ......................................130 Arms, 11 cycles (4) ............................................. 1 operation minimum 20 Arms, 1 s ............................................................. > 10 operations Operation and Storage Temperature.............................................................................................................. -40 to +90 °C Climatic Category (IEC 60068-1).................................................................................................................... 40/ 90/ 21 An optional Switch-Grade Fail-Short device is available. The optional Fail-Short assembly will activate at a temperature of 215 °C – 217 °C to provide a high conductive path to ground in case of a thermal overload. GDTs equipped with the optional Fail-Short device should be soldered either manually at a temperature that is below the activation temperature of the Fail-Short mechanism, or using a selective soldering process that does not exceed 210 °C. Notes: • UL recognized component, UL File E153537. • Model number marking on tube: 26-xxx V. • The rated discharge current for TRIGARD® Gas Discharge Tubes is the total current equally divided between each line to ground. • Sparkover limits after life ±25 %, IR >108Ω (-25 %,+30 % for Model 2026-07, 2026-09 and 2026-60). • Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage. • At delivery AQL 0.65 Level II, DIN ISO 2859 (2) Tube meets BT requirement Type 14 A/1 (210-310 V). (3) Network applied. (4) DC Sparkover may exceed ±25 % after discharge, but will continue to protect without venting. Characteristic Model No. 2026-30 2026-35 2026-40 2026-42 2026-47 2026-60 DC Sparkover ±20 % @ 100 V/s 300 V 350 V 400 V 420 V 470 V 600 V Impulse Sparkover (1) 100 V/μs 1000 V/μs 550 V 775 V 625 V 875 V 675 V 925 V 725 V 1000 V 800 V 1100 V 925 V 1250 V (1) Impulse Sparkover voltage is defined as typical values of distribution. |
Similar Part No. - 2026-15-A1FLF |
|
Similar Description - 2026-15-A1FLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |