Electronic Components Datasheet Search |
|
SP75-48DRL Datasheet(PDF) 2 Page - Astrodyne Corporation |
|
SP75-48DRL Datasheet(HTML) 2 Page - Astrodyne Corporation |
2 / 5 page 75W Single Output with PFC Function SP75/DRL series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 INPUT SPECIFICATIONS Input Voltage Range (Note 3) 90 ~ 264VAC 120~370 Volts(DC) Frequency Range 47-63 Hz Inrush Current, typ: (cold start) 30Amps / 230VAC Input Current 1.3 Amps. @ 115VAC 0.7 Amps. @ 230VAC Leakage current < 2mAmps / 240VAC Min Load See Selection Chart Power Factor @ FL PF> 0.93 / 230VAC > 0.96 / 115VAC OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Line Regulation ±0.5% Load Regulation See Selection Chart Voltage Tolerance (Note 2) ±2.0%: 3.3~15Volts(DC) ±1.0%: 24~48Volts(DC) Ripple/Noise (Note 1) See Selection Chart Hold Up Time 36mS @ FL Setup, Rise Time 600ms, 60m @ FL Over Voltage Protection 3.8 ~ 4.46Volt(DC): 3.3Volts(DC) 5.75 ~ 6.75Volt(DC): 5Volts(DC) 8.63 ~ 10.13Volt(DC): 7.5Volts(DC) 13.8 ~ 16.2Volt(DC): 12Volts(DC) 15.53 ~ 18.23Volt(DC): 13.5Volts(DC) 17.25 ~ 20.25Volt(DC): 15Volts(DC) 27.6 ~ 32.4Volt(DC): 24Volts(DC) 31.05 ~ 36.45Volt(DC): 27Volts(DC) 55.2 ~ 64.8Volt(DC): 48Volts(DC) Shut down o/p voltage, re-power Over Current Protection 105 ~ 150% rated output power Constant current limiting,auto-recover DC Volt Adjust See Selection Chart GENERAL SPECIFICATIONS Safety UL60950-1, TUV EN60950-1 Approved Insulation Resistance ≥ 100MΩ / 500Volts(DC) EMI Compliance to EN55022 (CISPR22) Class B Harmonic Current Compliance to EN61000-3-2,-3 Efficiency See Selection Chart Isolation 3000VAC Input - Output 1500VAC Input - Ground 500VAC Output - Ground EMS Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204,EN55024, light Industry Level, Criteria A ENVIRONMENTAL SPECIFICATIONS Oper. Temperature -10°C to +60°C (See Derate Curve) Storage Temperature -20°C to +85°C, 10~95% RH Relative Humidity 20~90% RH non cond Temperature Coefficient ±0.05% / °C (0-50°C) MTBF 208.8KHrs min,MIL-HDBK-217F(25°C) Vibration 10~500Hz, 2G10min./1cycle, period for 60min. each along X, Y, Z axes PHYSICAL SPECIFICATIONS Size Millimeters 179 x 97 x 33 Inches 7.05” x 3.82 ” x 1.30 ” Weight 20.46 oz (580g) NOTE 1. Ripple & noise are measured at 20MHz of bandwidth by using a 12” twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 2. Tolerance : includes set up tolerance, line regulation and load regula- tion. 3. Derating may be needed under low input voltages. Please check the derating curve for more details. All specifications are typical at nominal input, full load, and 25°C unless other- wise noted |
Similar Part No. - SP75-48DRL |
|
Similar Description - SP75-48DRL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |