Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV256-45JI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS62LV256-45JI
Description  32K x 8 LOW VOLTAGE STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256-45JI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62LV256-45JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256-45JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IS62LV256
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. K
12/11/02
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-45 ns
-70 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
45
70
ns
tAA
Address Access Time
45
70
ns
tOHA
Output Hold Time
2
2
ns
tACE
CE Access Time
45
70
ns
tDOE
OE Access Time
25
35
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZOE(2)
OE to High-Z Output
0
20
0
25
ns
tLZCE(2)
CE to Low-Z Output
3
3
ns
tHZCE(2)
CE to High-Z Output
0
20
0
25
ns
tPU(3)
CE to Power-Up
0
0
ns
tPD(3)
CE to Power-Down
30
50
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1a and 1b
1213
100 pF
Including
jig and
scope
1378
OUTPUT
3.3V
1213
5 pF
Including
jig and
scope
1378
OUTPUT
3.3V
Figures 1a
Figures 1b


Similar Part No. - IS62LV256-45JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100B ICSI-IS62LV2568L-100B Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100BI ICSI-IS62LV2568L-100BI Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100H ICSI-IS62LV2568L-100H Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100HI ICSI-IS62LV2568L-100HI Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV256-45JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com