Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP200-24DRL Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP200-24DRL
Description  200W Single Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP200-24DRL Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP200-24DRL Datasheet HTML 1Page - Astrodyne Corporation SP200-24DRL Datasheet HTML 2Page - Astrodyne Corporation SP200-24DRL Datasheet HTML 3Page - Astrodyne Corporation SP200-24DRL Datasheet HTML 4Page - Astrodyne Corporation SP200-24DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
200W Single Output with PFC Function
SP200/DRL series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage/Over
temperarure
Built-in active PFC function, PF >0.93
Built-in cooling fan speed control
Built-in constant current limiting circuit
Built-in fan speed control
Fixed switching frequency at PFC:67KHz PWM:134KHz
LED indicator for power on
Model Number Output Volts
Output Amps
OVP
Min Load
DC Volt Adjust
Efficiency
SINGLE OUTPUT
SP200-3.3/DRL
3.3 Volts(DC)
40 Amps
3.63 ~ 4.46Volt(DC)
0~40Amps
3.14~3.63Volt(DC)
65%
SP200-5/DRL
5 Volts(DC)
40 Amps
5.5 ~ 6.75Volt(DC)
0~40Amps
4.75~5.5Volt(DC)
71%
SP200-7.5/DRL
7.5 Volts(DC)
26.7 Amps
8.25 ~ 10.13Volt(DC)
0~26.7Amps
7.13~8.25Volt(DC)
76%
SP200-12/DRL
12 Volts(DC)
16.7 Amps
13.2 ~ 16.2Volt(DC)
0~16.7Amps
11.4~13.2Volt(DC
79%
SP200-13.5/DRL
13.5 Volts(DC)
14.9 Amps
14.85 ~ 18.2Volt(DC)
0~14.9Amps
12.8~14.9Volt(DC)
80%
SP200-15/DRL
15 Volts(DC)
13.4 Amps
16.5 ~ 20.25Volt(DC)
0~13.4Amps
14.3~16.5Volt(DC)
81%
SP200-24/DRL
24 Volts(DC)
8.4 Amps
26.4~ 32.4Volt(DC)
0~8.4Amps
22.8~26.4Volt(DC)
83%
SP200-27/DRL
27 Volts(DC)
7.5 Amps
29.7 ~ 36.45Volt(DC)
0~7.5Amps
25.7~29.7Volt(DC)
83%
SP200-48/DRL
48 Volts(DC)
4.2 Amps
52.8~ 64.8Volt(DC)
0~4.2Amps
45.6~52.8Volt(DC)
84%


Similar Part No. - SP200-24DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP200-24 ASTRODYNE-SP200-24 Datasheet
337Kb / 4P
   200W Single Output with PFC Function
More results

Similar Description - SP200-24DRL

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com