Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV256-70TI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS62LV256-70TI
Description  32K x 8 LOW VOLTAGE STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256-70TI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS62LV256-70TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256-70TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS62LV256
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. K
12/11/02
Copyright © 2002 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Access time: 45, 70 ns
• Low active power: 70 mW
• Low standby power
— 45 µW CMOS standby
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 3.3V power supply
DESCRIPTION
The
ISSI IS62LV256 is a very high-speed, low power,
32,768-word by 8-bit static RAM. It is fabricated using
ISSI's
high-performance CMOS double-metal technology.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation is reduced to
10 µW (typical) with CMOS input levels.
Easy memory expansion is provided by using an active LOW
Chip Enable (
CE) input and an active LOW Output Enable
(
OE) input. The active LOW Write Enable (WE) controls both
writing and reading of the memory.
The IS62LV256 is pin compatible with other 32K x 8 SRAMs
in 300-mil SOJ, 330-mil plastic SOP, and TSOP (Type I Normal
and Reverse Bent) packages.
32K x 8 LOW VOLTAGE STATIC RAM
FUNCTIONAL BLOCK DIAGRAM
A0-A14
CE
OE
WE
256 X 1024
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
DECEMBER 2002


Similar Part No. - IS62LV256-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100B ICSI-IS62LV2568L-100B Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100BI ICSI-IS62LV2568L-100BI Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100H ICSI-IS62LV2568L-100H Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568L-100HI ICSI-IS62LV2568L-100HI Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV256-70TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com