Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX584B2V7 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BZX584B2V7
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX584B2V7 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX584B2V7 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B2V7 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B2V7 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B2V7 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B2V7 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Voltage Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse
Current
Typical
Temperature
Coefficent
@IZT=5 mA
mV/°C
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Type Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
mA
μA
V
Min
Max
BZX584B2V4
2V1
2.4
2.35
2.45
5
100
600
1.0
50
1.0
-3.5
0
BZX584B2V7
2V2
2.7
2.65
2.75
5
100
600
1.0
20
1.0
-3.5
0
BZX584B3V0
2V3
3
2.94
3.06
5
95
600
1.0
10
1.0
-3.5
0
BZX584B3V3
2V4
3.3
3.23
3.37
5
95
600
1.0
5
1.0
-3.5
0
BZX584B3V6
2V5
3.6
3.53
3.67
5
90
600
1.0
5
1.0
-3.5
0
BZX584B3V9
2V6
3.9
3.82
3.98
5
90
600
1.0
3
1.0
-3.5
0
BZX584B4V3
2V7
4.3
4.21
4.39
5
90
600
1.0
3
1.0
-3.5
0
BZX584B4V7
2Z1
4.7
4.61
4.79
5
80
500
1.0
3
2.0
-3.5
0.2
BZX584B5V1
2Z2
5.1
5.00
5.20
5
60
480
1.0
2
2.0
-2.7
1.2
BZX584B5V6
2Z3
5.6
5.49
5.71
5
40
400
1.0
1
2.0
-2.0
2.5
BZX584B6V2
2Z4
6.2
6.08
6.32
5
10
150
1.0
3
4.0
0.4
3.7
BZX584B6V8
2Z5
6.8
6.66
6.94
5
15
80
1.0
2
4.0
1.2
4.5
BZX584B7V5
2Z6
7.5
7.35
7.65
5
15
80
1.0
1
5.0
2.5
5.3
BZX584B8V2
2Z7
8.2
8.04
8.36
5
15
80
1.0
0.7
5.0
3.2
6.2
BZX584B9V1
2Z8
9.1
8.92
9.28
5
15
100
1.0
0.5
6.0
3.8
7.0
BZX584B10
2Z9
10
9.80
10.20
5
20
150
1.0
0.2
7.0
4.5
8.0
BZX584B11
2Y1
11
10.78
11.22
5
20
150
1.0
0.1
8.0
5.4
9.0
BZX584B12
2Y2
12
11.76
12.24
5
25
150
1.0
0.1
8.0
6.0
10.0
BZX584B13
2Y3
13
12.74
13.26
5
30
170
1.0
0.1
8.0
7.0
11.0
BZX584B15
2Y4
15
14.70
15.30
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX584B16
2Y5
16
15.68
16.32
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX584B18
2Y6
18
17.64
18.36
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX584B20
2Y7
20
19.60
20.40
5
55
225
1.0
0.1
14.0
14.4
18.0
BZX584B22
2Y8
22
21.56
22.44
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX584B24
2Y9
24
23.52
24.48
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX584B27
2X1
27
26.46
27.54
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX584B30
2X2
30
29.40
30.60
2
80
300
0.5
0.1
21.0
24.4
29.4
BZX584B33
2X3
33
32.34
33.66
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX584B36
2X4
36
35.28
36.72
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX584B39
2X5
39
38.22
39.78
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, period=5ms,pulse width =300
μs.
3. f=1
kHz.
ELECTRICAL CHARACTERISTICS
T
a=25unless otherwise specified
www.cj-elec.com
2
C,Sep,2014


Similar Part No. - BZX584B2V7

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX584B2V7 TAK_CHEONG-BZX584B2V7 Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
logo
Micro Commercial Compon...
BZX584B2V7 MCC-BZX584B2V7 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
First Silicon Co., Ltd
BZX584B2V7 FS-BZX584B2V7 Datasheet
306Kb / 4P
   Zener Diode
logo
DAESAN ELECTRONIC CORP.
BZX584B2V7 DAESAN-BZX584B2V7 Datasheet
260Kb / 3P
   ZENER DIODE
logo
UN Semiconducctor INC
BZX584B2V7 UNSEMI-BZX584B2V7 Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

Similar Description - BZX584B2V7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com