Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C168A-35DMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C168A-35DMB
Description  4Kx4 RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C168A-35DMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C168A-35DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C168A-35DMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C168A
3
Electrical Characteristics Over the Operating Range[2] (continued)
Parameter
Description
Test Conditions
7C168A-25
7C168A-35
7C168A-45
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[3]
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
−10
+10
−10
10
−10
10
µA
IOZ
Output Leakage
Current
GND < VO < VCC
Output Disabled
−10
+10
−50
50
−50
50
µA
IOS
Output Short
Circuit Current[4]
VCC = Max., VOUT = GND
−350
−350
−350
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
Com’l
90
90
90
mA
Mil
100
100
100
ISB1
Automatic CE
Power-Down Current
Max. VCC,
CE > VIH
Com’l
20
20
20
mA
Mil
20
20
20
ISB2
Automatic CE
Power-Down Current
Max. VCC,
CE > VCC
− 0.3 V
Com’l
20
20
20
mA
Mil
20
20
20
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Note:
5.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 481
R2
255
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
< 5 ns
5V
OUTPUT
C168A-3
R1 481
R2
255
5pF
INCLUDING
JIG AND
SCOPE
C168A-4
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167


Similar Part No. - CY7C168A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C168A-35DMB CYPRESS-CY7C168A-35DMB Datasheet
180Kb / 10P
   4Kx4 RAM
More results

Similar Description - CY7C168A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C168A CYPRESS-CY7C168A_01 Datasheet
180Kb / 10P
   4Kx4 RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
List of Unclassifed Man...
M41256XX ETC-M41256XX Datasheet
1Mb / 22P
   Dynamic RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
SUN HOLD ELECTRIC INC
RAM-2A-12 SUNHOLD-RAM-2A-12 Datasheet
808Kb / 2P
   RAM SERIES
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Infineon Technologies A...
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B102QN INFINEON-CY15B102QN Datasheet
434Kb / 43P
   2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)
Rev. *N 2022-01-20
logo
Qimonda AG
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com