Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6713 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 6Page - Texas Instruments TMS320C6713 Datasheet HTML 7Page - Texas Instruments TMS320C6713 Datasheet HTML 8Page - Texas Instruments TMS320C6713 Datasheet HTML 9Page - Texas Instruments TMS320C6713 Datasheet HTML 10Page - Texas Instruments TMS320C6713 Datasheet HTML 11Page - Texas Instruments TMS320C6713 Datasheet HTML 12Page - Texas Instruments TMS320C6713 Datasheet HTML 13Page - Texas Instruments TMS320C6713 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 150 page
background image
TMS320C6713, TMS320C6713B
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS186I − DECEMBER 2001 − REVISED MAY 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 2 provides an overview of the C6713/C6713B DSPs. The table shows significant features of the each
device, including the capacity of on-chip RAM, the peripherals, the execution time, and the package type with
pin count. For more details on the C67x DSP device part numbers and part numbering, see Table 24 and
Figure 12.
Table 2. Characteristics of the C6713 and C6713B Processors
HARDWARE FEATURES
INTERNAL CLOCK
SOURCE
C6713/C6713B
(FLOATING-POINT DSPs)
HARDWARE FEATURES
SOURCE
GDP
PYP
Peripherals
EMIF
SYSCLK3 or ECLKIN
1 (32 bit)
1 (16 bit)
Peripherals
Not all peripheral pins are
EDMA
(16 Channels)
CPU clock frequency
1
Not all peripheral pins are
available at the same
HPI (16 bit)
SYSCLK2
1
available at the same
time. (For more details,
see the Device
McASPs
AUXCLK, SYSCLK2
2
see the Device
Configuration section.)
I2Cs
SYSCLK2
2
Configuration section.)
P i hl
f
i
McBSPs
SYSCLK2
2
Peripheral performance is
dependent on chip-level
32-Bit Timers
1/2 of SYSCLK2
2
dependent on chip-level
configuration.
GPIO Module
SYSCLK2
1
Size (Bytes)
264K
On-Chip Memory
Organization
4K-Byte (4KB) L1 Program (L1P) Cache
4KB L1 Data (L1D) Cache
64KB Unified L2 Cache/Mapped RAM
192KB L2 Mapped RAM
CPU ID+CPU Rev ID
Control Status Register (CSR.[31:16])
0x0203
BSDL File
For the C6713/13B BSDL file, contact your Field Sales Representative.
Frequency
MHz
300, 225, 200
200, 167
Cycle Time
ns
3.3 ns (C6713BGDP-300)
4.4 ns (C6713BGDP-225)
5 ns (C6713BGDPA-200)
4.4 ns (C6713GDP-225)
5 ns (C6713GDPA-200)
5 ns (C6713BPYP-200)
6 ns (C6713BPYPA-167)
5 ns (C6713PYP-200)
6 ns (C6713PYPA-167)
Voltage
Core (V)
1.20§ V (C6713/C6713B)
1.4 V (C6713B−300)
1.2 V
Voltage
I/O (V)
3.3 V
Clock Generator Options
Prescaler
Multiplier
Postscaler
/1, /2, /3, ..., /32
x4, x5, x6, ..., x25
/1, /2, /3, ..., /32
27 x 27 mm
272-Ball BGA (GDP)
Packages
28 x 28 mm
208-Pin PowerPAD
PQFP (PYP)
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without
notice.
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data
and other specifications are subject to change without notice.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
AUXCLK is the McASP internal high-frequency clock source for serial transfers. SYSCLK2 is the McASP system clock used
for the clock check (high-frequency) circuit.
§ This value is compatible with existing 1.26V designs.
C67x is a trademark of Texas Instruments.


Similar Part No. - TMS320C6713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713 Datasheet
1Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PORCESSOR
TMS320C6713B TI-TMS320C6713B Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713B TI-TMS320C6713B Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713B TI1-TMS320C6713B Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com