Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5252C Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMSZ5252C
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMSZ5252C Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMSZ5252C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5252C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5252C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5252C Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5252C Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.cj-elec.com
4
SOD-123 Package Outline Dimensions
SOD-123 Suggested Pad Layout
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
L1
0.250
0.450
0.010
0.018
θ
0.500 REF
0.020 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
D,Mar,2015


Similar Part No. - MMSZ5252C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMSZ5252C KEXIN-MMSZ5252C Datasheet
1Mb / 3P
   Zener Diodes
logo
Diotec Semiconductor
MMSZ5252C DIOTEC-MMSZ5252C Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
DAESAN ELECTRONIC CORP.
MMSZ5252C DAESAN-MMSZ5252C Datasheet
252Kb / 2P
   ZENER DIODE
logo
ON Semiconductor
MMSZ5252CT1G ONSEMI-MMSZ5252CT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMSZ5252CT1G ONSEMI-MMSZ5252CT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results

Similar Description - MMSZ5252C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com