Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5258BW Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBZ5258BW
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBZ5258BW Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBZ5258BW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5258BW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5258BW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5258BW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5258BW Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.200
0.400
0.008
0.016
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
e1
1.200
1.400
0.047
0.055
L
L1
0.260
0.460
0.010
0.018
θ
0.525 REF
0.021 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650 TYP
0.026 TYP
SOT-323 Package Outline Dimensions
SOT-323 Suggested Pad Layout
www.cj-elec.com
4
C,Apr,2015


Similar Part No. - MMBZ5258BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5258BW PANJIT-MMBZ5258BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5258BW SKTECHNOLGY-MMBZ5258BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5258BW DIODES-MMBZ5258BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5258BW WEITRON-MMBZ5258BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5258BW DIODES-MMBZ5258BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
More results

Similar Description - MMBZ5258BW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com