Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78B1.5-1.0 Datasheet(PDF) 3 Page - Recom International Power

Part # R-78B1.5-1.0
Description  1.0 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B1.5-1.0 Datasheet(HTML) 3 Page - Recom International Power

  R-78B1.5-1.0 Datasheet HTML 1Page - Recom International Power R-78B1.5-1.0 Datasheet HTML 2Page - Recom International Power R-78B1.5-1.0 Datasheet HTML 3Page - Recom International Power R-78B1.5-1.0 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INNOLINE
DC/DC-Converter
Characteristics
100
0.2
Efficiency Vs Load ( Vin=Max )
Vo=1.5V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
Vo=1.8V
Vo=15V
Vo=12V
Vo=6.5V
Vo=9V
100
0.2
Efficiency Vs Load ( Vin=Min )
Vo=1.5V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
Vo=1.8V
Vo=15V
Vo=12V
Vo=9V, 6,5V
50
0.2
Ripple Vs Load ( Vin=Max )
Vo=1.5V, 1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
Vo=9V, 12V
Vo=15V
Vo=6.5V
50
0.2
Ripple Vs Load ( Vin=Min )
Vo=1.5V,1.8V
Vo=2.5V,3.3V,5V
Vo=9V,12V,15V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
Vo=6.5V
R-78Bxx-1.0
(L) Series
Add a blocking diode to Vout if
current can flow backwards into
the output, as this can damage
the converter when it is powered
down.
The diode can either be fitted
across the device if the source is
low impedance or fitted in series
with the output (recommended).
Optional Protection Circuit
Optional Protection 1:
Optional Protection 2:
R-78xx-xx
-Vout
+Vout
+Vin
-Vin
R-78xx-xx
-Vout
Vout=
+Vout -
0.3V
+Vin
-Vin
Schottky Diode
Efficiency
Ripple
www.recom-power.com
I-23
REV: 0/2015


Similar Part No. - R-78B1.5-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0L RECOM-R-78B1.5-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
More results

Similar Description - R-78B1.5-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com