Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78C9.0-1.0 Datasheet(PDF) 2 Page - Recom International Power

Part # R-78C9.0-1.0
Description  1.0 AMP SIP3 Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78C9.0-1.0 Datasheet(HTML) 2 Page - Recom International Power

  R-78C9.0-1.0 Datasheet HTML 1Page - Recom International Power R-78C9.0-1.0 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
2.54
Top View
Bottom View
Front
8.50
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.70 ±1.0
10.40
RECOM
R-78C5.0-1.0
**** Pb
1.00ø+0.15/–0
11.60
RECOM
R-78C5.0-1.0
**** Pb
Application Examples
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
SIP3 PIN Package
+Vin
-Vin
R-78C5.0-1.0
-12VDC
+12VDC
Com
C1
C2
REC3-0512DRW/H2/A
- Triple Outputs
- Wide input range 8V to 42V
C1: Optional , C2 : Required (further decoupling filtering
may be necessary between the two converters)
- High System Efficiency, Suitable for 12V, 24V or 36V
Battery Powered Devices
+5VDC
24VAC +/-20%
R-78C5.0-1.0
Com
+5V reg.
C1
C2
- Regulated and Protected DC Output
C2 : optional
- Low Voltage AC Input
+24VDC unreg.
(27~40VDC)
~
~
+
-
R-78Cxx-1.0
Series
High efficiency regulated outputs
Low Voltage AC input, regulated DC output
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
R-78C5.0-1.0
Com
+Vout
C1
(Optional)
C2 (Optional)
10µF MLCC
Use soft start supply
Com
+Vin
Standard Application Circuit
Potting Material
Epoxy (UL94V-0)
IEC/EN General Safety
Report: SPCLVD 1407030-1
IEC/ EN-60950-1, 2nd Edition
Standby Power
EN62301:2005
Fast Transient
EN61000-4-4
Class A
Conducted Immunity
EN61000-4-6
Class A
Magnetic Field Immunity
EN61000-4-8
Class A
MTBF (+25°C)
using MIL-HDBK 217F
8600 x 10³ hours.
(+68°C)
using MIL-HDBK 217F
3880 x 10³ hours.
Note:
No load operation will not damage these devices, however they may not meet all specifications. A minimum load of 10mA is recommended.
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
Zener Diode Calculation
VOUT
VIN
R-78
R-78C Vout
Zener Voltage, Vz (Vzmin)
Recomended Zener Diode
1.8V (1.85V max.)
2.0V (1.90V)
MMSZ679T1G
3.3V (3.4V max.)
3.6V (3.42V)
MMSZ4685T1G
5V (5.15V max.)
5.6V (5.32V)
MMSZ4690T1G
9V (9.27V max.)
10V (9.50V)
MMSZ4697T1G
12V (12.36V max.)
13V (12.35V) / 14V (13.30V)
MMSZ4700T1G / MMSZ4701T1G
15V (15.45V max.)
17V (16.15V)
MMSZ4704T1G
Minimum Zener Breakdown Voltage (VZ
min) ≥ V
outnom + 3% Accuracy
I-20
www.recom-power.com
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - R-78C9.0-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78C9.0-1.0 RECOM-R-78C9.0-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
More results

Similar Description - R-78C9.0-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com