Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-521.8PA Datasheet(PDF) 5 Page - Recom International Power

Part # R-521.8PA
Description  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-521.8PA Datasheet(HTML) 5 Page - Recom International Power

  R-521.8PA Datasheet HTML 1Page - Recom International Power R-521.8PA Datasheet HTML 2Page - Recom International Power R-521.8PA Datasheet HTML 3Page - Recom International Power R-521.8PA Datasheet HTML 4Page - Recom International Power R-521.8PA Datasheet HTML 5Page - Recom International Power R-521.8PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R-5xxxPA_DA
Series
INNOLINE
DC/DC-Converter
Table 1: Adjustment Resistor Values
2Adc
R-521.2PA/DA
R-521.8PA/DA
R-522.5PA/DA
R-523.3PA/DA
525.0PA/DA
3Adc
R-531.2PA/DA
R-531.8PA/DA
R-532.5PA/DA
R-533.3PA/DA
535.0PA/DA
4Adc
R-541.2PA/DA
R-541.8PA/DA
R-542.5PA/DA
R-543.3PA/DA
545.0PA/DA
5Adc
R-551.2PA/DA
R-551.8PA/DA
R-552.5PA/DA
R-553.3PA/DA
555.0PA/DA
Vout (nominal)
1.2Vdc
1.8Vdc
2.5Vdc
3.3Vdc
5.0Vdc
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
0.8 (V)
0.9 (V)
740
Ω
1.0 (V)
3.9K
Ω
1.1 (V)
13K
Ω
1.05K
Ω
1.2 (V)
2.1K
Ω
270
Ω
1.3 (V)
37K
Ω
3.7K
Ω
750
Ω
1.5 (V)
11.5K
Ω
10K
Ω
2.1K
Ω
390
Ω
1.6 (V)
8.2K
Ω
18K
Ω
3.0K
Ω
750
Ω
1.7 (V)
6.5K
Ω
41K
Ω
4.1K
Ω
1.2K
Ω
1.8 (V)
5.2K
Ω
5.6K
Ω
1.7K
Ω
1.9 (V)
4.3K
Ω
36K
Ω
7.5K
Ω
2.2K
Ω
2.0 (V)
3.6K
Ω
1.8K
Ω
10.5K
Ω
2.8K
Ω
2.4 (V)
2.1K
Ω
5.2K
Ω
82K
Ω
6.8K
Ω
2.5 (V)
1.8K
Ω
4.3K
Ω
8.5K
Ω
2.6 (V)
1.65K
Ω
3.6K
Ω
33K
Ω
10.5K
Ω
3.0 (V)
1.05K
Ω
2.1K
Ω
6.2K
Ω
33K
Ω
470
Ω
3.2 (V)
1.65K
Ω
4.1K
Ω
110K
Ω
1.6K
Ω
3.3 (V)
1.5K
Ω
3.4K
Ω
2.2K
Ω
3.4 (V)
1.35K
Ω
2.9K
Ω
36K
Ω
3.0K
Ω
3.6 (V)
1.07K
Ω
2.2K
Ω
11K
Ω
4.7K
Ω
3.9 (V)
780
Ω
1.4K
Ω
4.7K
Ω
8.5K
Ω
4.5 (V)
390
Ω
650
Ω
1.6K
Ω
30K
Ω
4.9 (V)
350
Ω
820
Ω
220K
Ω
5.0 (V)
290
Ω
680
Ω
5.1 (V)
220
Ω
560
Ω
28K
Ω
5.5 (V)
39
Ω
190
Ω
2.6K
Ω
www.recom-power.com
I-49
REV: 1/2016


Similar Part No. - R-521.8PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.8PA RECOM-R-521.8PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R-521.8PA RECOM-R-521.8PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-521.8PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com