Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA355 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA355
Description  3V Video Amplifier with 6dB Gain and Filter in SC70
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA355 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA355 Datasheet HTML 3Page - Burr-Brown (TI) OPA355 Datasheet HTML 4Page - Burr-Brown (TI) OPA355 Datasheet HTML 5Page - Burr-Brown (TI) OPA355 Datasheet HTML 6Page - Burr-Brown (TI) OPA355 Datasheet HTML 7Page - Burr-Brown (TI) OPA355 Datasheet HTML 8Page - Burr-Brown (TI) OPA355 Datasheet HTML 9Page - Burr-Brown (TI) OPA355 Datasheet HTML 10Page - Burr-Brown (TI) OPA355 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OPA360
SB0S294C − DECEMBER 2003 − REVISED JULY 2004
www.ti.com
7
A capacitor placed in parallel with the resistor (Figure 1)
creates an additional filter pole that provides additional
stop-band attenuation. With a 200
Ω source impedance, a
67pF ceramic capacitor provides approximately 28dB
attenuation at 27MHz without affecting the pass band.
VIDEO PERFORMANCE
Industry standard video test patterns include:
D Multiburst—packets of different test frequencies to
check for basic frequency response.
D Multipulse—pulses
modulated
at
different
frequencies to test for comprehensive measurement
of amplitude and group delay errors across the video
baseband.
D Chrominance-to-luminence (CCIR17) — tests ampli-
tude, phase and some distortion
D 50Hz, 1/2 black−1/2 white screen test signal—tests
the worst case signal swing required by the amplifier.
Performance on these test signals are shown.
Figure 2 shows the test circuits for Figure 3 through
Figure 13 and Figure 16. (NOTE: 1 and 2 indicate
measurement points corresponding to the waveforms
labeled 1 and 2 in the figures.)
1
2
a. Test circuit for Figures 3−5.
2
d. Test circuit for Figures 7, 12, and 13.
1
c. Test circuits for Figures 10 and 11.
2
1
1
1
2
b. Test circuit for Figures 6, 8, and 16.
220
µF
22
µF
C
OUT
22
µF
NOTE: 1 and 2 indicate measurement points corresponding to the waveforms labeled 1 and 2 in the figures.
SAG
47
µF
22
µF
Figure 2. Test Circuits Used for Figures 2−13


Similar Part No. - OPA355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA355 TI1-OPA355 Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA362 TI-OPA362 Datasheet
708Kb / 18P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com