Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-613.3D Datasheet(PDF) 2 Page - Recom International Power

Part # R-613.3D
Description  1-2 AMP SIP12 Vertical & Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-613.3D Datasheet(HTML) 2 Page - Recom International Power

  R-613.3D Datasheet HTML 1Page - Recom International Power R-613.3D Datasheet HTML 2Page - Recom International Power R-613.3D Datasheet HTML 3Page - Recom International Power R-613.3D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics
Conditions
Min.
Typ.
Max.
Output Current
R-61xxP/D
0.1A
1.1A
R-62xxP/D
0.2A
2.0A
Output Current Limit
4A
4.5A
5A
Short Circuit Input Current
Vin > 12V
20mA
100mA
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy
At 100% Load
±1%
±2%
Line Voltage Regulation (Vin = min. to max. at full load)
0.5%
Load Regulation (10 to 100% full load)
R-61xxP/D
0.5%
R-62xxP/D
1.0%
Vo Ripple & Noise
R-61xxP/D
40mVpp
100mVpp
R-62xxP/D
40mVpp
120mVpp
Transient Response (see note 1)
50% Load Change
100us
200us
Vout Over / Undershoot
5%
Remote ON / OFF (see note 2)
Open or high (Power ON)
2.0V
10V
(positive logic)
Low (Power OFF)
0.8V
Remote Off Input Current
Remote ON/OFF low level
100µA
Max capacitance Load
with normal start-up time, no external diodes
200µF
with <1 second start up time + diode protection circuit
6800µF
Switching Frequency
200kHz
250kHz
300kHz
Quiescent Current
Vin = min. to max. at 0% load
6mA
10mA
Operating Temperature Range
-40°C
+85°C
Storage Temperature Range
-40°C
+125°C
Case Material
Non-Conductive Black Plastic
Potting Material
Epoxy (UL94V-0)
internal Power Dissipation
Io x Vo x (1-Efficiency)
1.0W
Package Weight
9g
Packing Quantity
15 pcs per Tube
MTBF (Nominal Vout, 100% load)
Tamb. = +25°C
563 x 10³ hours
Tamb. = +71°C
117 x 10³ hours
EN General Safety
Report: SPCLVD 1301028-1
EN60950-1:2006 + A12:2011
R-6xxxP_D
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
Output Current vs Input Voltage
Notes:
INNOLINE
DC/DC-Converter
2
1
14
9.0
28
Input Voltage (V)
0
1.2A
R-61XX
24
32
90
60
20
40
1.5
1
0.5
Internal Power Dissipation (W)
0
80
85
0.7
1. Requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins).
2. ON / OFF pin can be driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET.
3. Output Current vs. Input Voltage (see graph below).
} DetailedInformationsee
Application Notes chapter "MTBF"
at Vin = 32VDC
Efficiency = 93% (see ”Selection Guide” table)
Vo = 12VDC
Io = 1W / 12V x (1-0.93) = 1.19A
Max output current calculation:
Internal power dissipation
(1W) = Io x Vo x (1-Efficiency)
Io = 1(W) / Vo x (1-Efficiency)
at Vin = 14VDC
Efficiency = 96% (see ”Selection Guide” table)
Vo = 12Vdc
Io = 1W / 12V x (1-0.96) = 2.08A
Example : R-6212P
I-52
www.recom-power.com
REV: 1/2016


Similar Part No. - R-613.3D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-613.3D RECOM-R-613.3D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-613.3D RECOM-R-613.3D Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-613.3D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
   RECTIFIERS 1 Amp to 2 Amp
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
   Triple 2:1 Mux-Amp AV = 1
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
   Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
   Triple 2:1 Mux-Amp AV = 1
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com