Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA361 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA361
Description  3V Video Amplifier with 6dB Gain and Filter in SC70
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA361 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA361 Datasheet HTML 1Page - Burr-Brown (TI) OPA361 Datasheet HTML 2Page - Burr-Brown (TI) OPA361 Datasheet HTML 3Page - Burr-Brown (TI) OPA361 Datasheet HTML 4Page - Burr-Brown (TI) OPA361 Datasheet HTML 5Page - Burr-Brown (TI) OPA361 Datasheet HTML 6Page - Burr-Brown (TI) OPA361 Datasheet HTML 7Page - Burr-Brown (TI) OPA361 Datasheet HTML 8Page - Burr-Brown (TI) OPA361 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OPA360
SB0S294C − DECEMBER 2003 − REVISED JULY 2004
www.ti.com
4
TYPICAL CHARACTERISTICS: VS = 3.3V
At TA = +25°C and RL = 150Ω, unless otherwise noted.
5
0
−5
−10
−15
−20
−25
−30
−35
−40
FREQUENCY RESPONSE
Frequency (Hz)
10k
100k
1M
10M
100M
Normalized Gain at 4.5MHz
Production Distribution
Normalized Gain at 4.5MHz (dB)
Normalized:
”0” dB corresponds
to 6dB gain.
45
40
35
30
25
20
15
10
5
0
GROUP DELAY vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
GAIN ERROR
Temperature (
_C)
−50
−25
0
2550
75100
125
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
OUTPUT VOTLAGE SWING TO THE POSITIVE RAIL
vs OUTPUT CURRENT
Output Current (A)
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1
V
S =3.3V
+85
_C
−40_C
+25
_C
+125
_C
0.30
0.25
0.20
0.15
0.10
0.05
0
OUTPUT VOLTAGE SWING TO THE NEGATIVE RAIL
vs OUTPUT CURRENT
Output Current (A)
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1
V
S =3.3V, VIN =0V
+125
_C
−40_C
+25
_C
+85
_C


Similar Part No. - OPA361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA361 TI-OPA361 Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKRG4 TI-OPA361AIDCKRG4 Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
More results

Similar Description - OPA361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA362 TI-OPA362 Datasheet
708Kb / 18P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com