Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8544 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
t − Time − 4 ms/div
2.42
2.44
2.46
2.48
2.5
2.52
2.54
0
5
10
15
20
25
30
35
t − Time − ms
Code Change From 7FFFh to 8000h to 7FFFh
0
1
2
3
4
5
t − Time − 12 ms/div
Large Signal
VDD = VREF= 5 V,
Output Loaded With
2 k
Ω and 200 pF to
GND.
0
0.5
1
1.5
2
2.5
3
t − Time − 12 ms/div
Large Signal
VDD = VREF= 5 V,
Output Loaded With
2 k
Ω and 200 pF to
GND.
0.00
0.50
1.00
1.50
t − Time − 12 ms/div
VDD = VREF = 2.7 V
Output Loaded With
2 k
Ω and 200 pF to
GND
3.5
3
3.5
2.5
2
1.5
1
1.5
0.5
0
VDD = VREF = 2.7 V
Output Loaded With
2 k
Ω and 200 pF to
GND
t − Time − 12 ms/div
Large Signal
DAC8544
SLAS420 – MAY 2004
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
EXITING POWER-DOWN MODE
OUTPUT GLITCH (MID-SCALE)
Figure 19.
Figure 20.
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 21.
Figure 22.
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 23.
Figure 24.
11


Similar Part No. - DAC8544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
[Old version datasheet]   16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
[Old version datasheet]   16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com