Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBS-RB600SG2SS0AMA0Z Datasheet(PDF) 3 Page - SICK AG

Part # PBS-RB600SG2SS0AMA0Z
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PBS-RB600SG2SS0AMA0Z Datasheet(HTML) 3 Page - SICK AG

  PBS-RB600SG2SS0AMA0Z Datasheet HTML 1Page - SICK AG PBS-RB600SG2SS0AMA0Z Datasheet HTML 2Page - SICK AG PBS-RB600SG2SS0AMA0Z Datasheet HTML 3Page - SICK AG PBS-RB600SG2SS0AMA0Z Datasheet HTML 4Page - SICK AG PBS-RB600SG2SS0AMA0Z Datasheet HTML 5Page - SICK AG PBS-RB600SG2SS0AMA0Z Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PBS-RB600SG2SS0AMA0Z | PBS
PRESSURE SENSORS
2016-03-19 00:51:29 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3
Internal transmission fluid
Silicone oil (only with pressure ranges < 0 bar ... 10 bar and ≤ 0 bar abs ... 25 bar abs)
Pressure port
Standard
Housing material
Lower body: stainless steel 304, Plastic head: PC + ABS, Buttons: TPE-E, Display window: PC
Electrical connection
Round connector M12 x 1, 4-pin, IP 67
Supply voltage
15 V DC ... 35 V DC
Power consumption
45 mA (for configurations without analog output signal)
70 mA (for configurations with analog output signal)
Total current consumption
Max. 350 mA / 570 mA (incl. switching current)
Electrical safety
Protection class: III
Overvoltage protection: 40 V DC
Short-circuit protection: QA, Q1, Q2 towards M
Reverse polarity protection: L+ to M
Insolation voltage
500 V DC
CE-conformity
Pressure equipment directive: This instrument is a pressure accessory as defined by the direc-
tive 97/23/EC, EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 200 g
Seal
Without seal
Enclosure rating
IP 67
Protection class III
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
≤ 90 %
Shock load
50 g according to IEC 60068-2-27 (mechanical shock)
Vibration load
10 g according to IEC 60068-2-6 (vibration under resonance)
Dimensional drawing (Dimensions in mm (inch))
G ¼ female EN 837
27
(1.06)
G1/4EN837
Ø 25
(0.98)


Similar Part No. - PBS-RB600SG2SS0AMA0Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PBS-RB600SG2SS0BMA0Z SICK-PBS-RB600SG2SS0BMA0Z Datasheet
810Kb / 7P
   PRESSURE SENSORS
PBS-RB600SG2SS0D5A0Z SICK-PBS-RB600SG2SS0D5A0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - PBS-RB600SG2SS0AMA0Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com