Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8544IPFB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544IPFB
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544IPFB Datasheet(HTML) 4 Page - Texas Instruments

  DAC8544IPFB Datasheet HTML 1Page - Texas Instruments DAC8544IPFB Datasheet HTML 2Page - Texas Instruments DAC8544IPFB Datasheet HTML 3Page - Texas Instruments DAC8544IPFB Datasheet HTML 4Page - Texas Instruments DAC8544IPFB Datasheet HTML 5Page - Texas Instruments DAC8544IPFB Datasheet HTML 6Page - Texas Instruments DAC8544IPFB Datasheet HTML 7Page - Texas Instruments DAC8544IPFB Datasheet HTML 8Page - Texas Instruments DAC8544IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
TIMING CHARACTERISTICS
tW1
tW5
tW2
tsu1
th1
tsu3
th3
th4
tsu2
th2
td1
tsu4
th2
tw4
tW3
ts
±0.003% of FSR Error Bands
Data Out Valid
Data In Valid
CS
R/W
Data I/O
DB0−DB15
LDAC
V(OUT)
DAC8544
SLAS420 – MAY 2004
IOV
DD = 1.8 V to 5.5 V; VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to 85°C (unless
otherwise noted)
MIN
TYP
MAX
UNIT
tw1
Pulse width: CS low for valid write
20
ns
tsu1
Setup time: R/W low before CS falling
0
ns
tsu2
Setup time: data in valid before CS falling
0
ns
th1
Hold time: R/W low after CS rising
10
ns
th2
Hold time: data in valid after CS rising
15
ns
tw2
Pulse width: CS low for valid read
40
ns
tsu3
Setup time: R/W high before CS falling
30
ns
td1
Delay time: data out valid after CS falling
60
80
ns
th3
Hold time: R/W high after CS rising
10
ns
th4
Hold time: data out valid after CS rising
5
20
ns
tsu4
Setup time: LDAC rising after CS falling
10
ns
td2
Delay time: CS low after LDAC rising
50
ns
tw3
Pulse width: LDAC low
40
ns
tw4
Pulse width: LDAC high
40
ns
tw5
Pulse width: CS high
80
ns
tw6
Pulse width: RST low
40
ns
tw7
Pulse width: RST high
40
ns
tS
VOUT Settling time (settling time for a full-scale code change)
10
µs
Data Read/Write Timing
4


Similar Part No. - DAC8544IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8544IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
[Old version datasheet]   16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
[Old version datasheet]   16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com