Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1203P40 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1203P40
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1203P40 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1203P40 Datasheet HTML 5Page - ON Semiconductor NCP1203P40 Datasheet HTML 6Page - ON Semiconductor NCP1203P40 Datasheet HTML 7Page - ON Semiconductor NCP1203P40 Datasheet HTML 8Page - ON Semiconductor NCP1203P40 Datasheet HTML 9Page - ON Semiconductor NCP1203P40 Datasheet HTML 10Page - ON Semiconductor NCP1203P40 Datasheet HTML 11Page - ON Semiconductor NCP1203P40 Datasheet HTML 12Page - ON Semiconductor NCP1203P40 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP1203
http://onsemi.com
9
Figure 15. Typical Waveforms in Short Circuit Conditions
7.8 V
12.8 V
4.9 V
VCC
DRIVING PULSES
Calculating the VCC Capacitor
The VCC capacitor can be calculated knowing the IC
consumption as soon as VCC reaches 12.8 V. Suppose that a
NCP1203P60 is used and drives a MOSFET with a 30 nC
total gate charge (Qg). The total average current is thus made
of ICC1 (700
mA) plus the driver current, Fsw x Qg or
1.8 mA. The total current is therefore 2.5 mA. The
DV
available to fully startup the circuit (e.g. never reach the
7.8 V UVLO during power on) is 12.8–7.8 = 5 V. We have
a capacitor who then needs to supply the NCP1203 with
2.5 mA during a given time until the auxiliary supply takes
over. Suppose that this time was measured at around 15 ms.
CVCC is calculated using the equation C + D
t·i
DV
or
C
w 7.5 mF. Select a 22
mF/16 V and this will fit.
Skipping Cycle Mode
The NCP1203 automatically skips switching cycles when
the output power demand drops below a given level. This is
accomplished by monitoring the FB pin. In normal
operation, pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level (Vpin 1), the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 17).
Suppose we have the following component values:
Lp, primary inductance = 350
mH
Fsw , switching frequency = 61 kHz
Ip skip = 600 mA (or 333 mV/Rsense)
The theoretical power transfer is therefore:
1
2
·Lp·Ip2 ·Fsw
+ 3.8 W
If this IC enters skip cycle mode with a bunch length of
10 ms over a recurrent period of 100 ms, then the total power
transfer is: 3.8 . 0.1
+ 380 mW.
To better understand how this skip cycle mode takes place,
a look at the operation mode versus the FB level
immediately gives the necessary insight:
Figure 16.
SKIP CYCLE OPERATION
IP(min) = 333 mV/RSENSE
NORMAL CURRENT
MODE OPERATION
FB
1 V
4.2 V, FB Pin Open
3.2 V, Upper
Dynamic Range
When FB is above the skip cycle threshold (1.0 V by
default), the peak current cannot exceed 1.0 V/Rsense.
When the IC enters the skip cycle mode, the peak current
cannot go below Vpin1/3.3/Rsense. The user still has the
flexibility to alter this 1.0 V by either shunting pin 1 to
ground through a resistor or raising it through a resistor up
to the desired level. Grounding pin 1 permanently
invalidates the skip cycle operation. However, given the
extremely low standby power the controller can reach, the
PWM in no−load conditions can quickly enter the minimum
ton and still transfer too much power. An instability can take
place. We recommend in that case to leave a little bit of skip
level to always allow 0% duty cycle.


Similar Part No. - NCP1203P40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203P40 ONSEMI-NCP1203P40 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1203P40G ONSEMI-NCP1203P40G Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1203P40G ONSEMI-NCP1203P40G Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
More results

Similar Description - NCP1203P40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com