Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN24H3D5L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN24H3D5L
Description  Low Gate Threshold Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN24H3D5L Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN24H3D5L Datasheet HTML 1Page - Diodes Incorporated DMN24H3D5L Datasheet HTML 2Page - Diodes Incorporated DMN24H3D5L Datasheet HTML 3Page - Diodes Incorporated DMN24H3D5L Datasheet HTML 4Page - Diodes Incorporated DMN24H3D5L Datasheet HTML 5Page - Diodes Incorporated DMN24H3D5L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN24H3D5L
Document number: DS37270 Rev. 3 - 2
4 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN24H3D5L
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
1.2
T = 150°C
A
T = 125°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
Ciss
Coss
1
10
100
1000
0
5
10
15
20
25
30
35
40
Crss
f = 1MHz
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
1
2
3
4
5
6
7
V
= 192V
I =
A
DS
D
0.5
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
0.001
0.01
0.1
1
10
0.1
1
10
100
1000


Similar Part No. - DMN24H3D5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN24H3D5L-13 DIODES-DMN24H3D5L-13 Datasheet
287Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN24H3D5L-7 DIODES-DMN24H3D5L-7 Datasheet
287Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN24H3D5L DIODES-DMN24H3D5L_15 Datasheet
287Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN24H3D5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
   Low Gate Threshold Voltage
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
   Low Gate Threshold Voltage
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
   Low Gate Threshold Voltage
DMN2022UFDF DIODES-DMN2022UFDF Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
DMP31D0U DIODES-DMP31D0U Datasheet
514Kb / 7P
   Low Gate Threshold Voltage
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
   Low Gate Threshold Voltage
DMP2021UFDF DIODES-DMP2021UFDF Datasheet
295Kb / 7P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com