Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2U5T Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D2U5T
Description  AC-DC Three Phase Power Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D2U5T Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D2U5T Datasheet HTML 1Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 2Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 3Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 4Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 5Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 6Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 7Page - Murata Power Solutions Inc. D2U5T Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D2U5T-H3-7000-54-HU4C
AC-DC Three Phase Power Converter
D2U5T-H3-7000-54-HU4C.A02 Page 4 of 8
www.murata-ps.com/support
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Insulation Safety Rating/Test Voltage
Input to Output – Reinforced
3000
Vrms
Input to Chassis – Basic
1500
Vrms
Output to Chassis – Functional
500
Vdc
STATUS INDICATORS (LEDs)
Status Indicators
Input OK (Green)
Output OK (Green)
Fault5 (Yellow)
AC present and within the regulation range;
Standby - ON; Main Output – OFF
Solid Green
Blinking
Off
AC present, but its level is not within the required regulation range
Blinking Green at 1Hz rate
(0.5s on, 0.5s off)
Off
Off
When hot-unplugging the power supply from a power shelf4
Blinking Green at 1Hz rate
(0.5s on, 0.5s off)
Off
Off
AC input voltage is not present
Off
Off
Off
AC present and within the regulation range;
Standby – ON, Main Output – ON and both within the regulation range
Solid Green
Solid Green
Off
AC present and within the regulation range;
Standby - ON; Main Output - ON; power supply is in a power limit or in an overcurrent condition.
Solid Green
Solid Green
On
Any warning Levels (Input UV/OV, OC, Inlet Temp, Output and STBY OV/UV, OC, OTP, FAN)
No Change
No Change
Blinking 1Hz
Any Fault Levels (Input UV/OV, OC, Inlet Temp, Output and STBY OV/UV, OC, OTP, FAN)
Depends on PS Status
Depends on PS Status On
4 The Input OK LED blinks to indicate that there is still energy inside the power supply until the input bulk capacitors are completely discharged or the housekeeping circuit is shut
down.
5 The Fault LED and PS Fault signal shall be turned on to indicate that there is one or more of the following internal faults currently detected inside the power supply:
VSB out of range
Output stage OT
Fan fault
ORING fault (Output voltage less than bus voltage)
OC shutdown
OT shutdown
OV shutdown
Input stage OT
Fault induced shutdown occurred
Thermal sensor fault
Vout out of range
PFC Boost Vbulk fault
As soon as all of the above faults are removed and the power supply operates normally, the Fault LED and PS Fault signal shall be turned off.
LED Definition: Three LEDs shall be located on the front faceplate, and these are:
LED
Status
Fault = ON
Input OK = ON
Output OK = ON


Similar Part No. - D2U5T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T-H3-5000-380-HU3C MURATA-PS-D2U5T-H3-5000-380-HU3C Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
logo
Murata Manufacturing Co...
D2U5T-H3-7000-54-HU4C MURATA-D2U5T-H3-7000-54-HU4C Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Murata Power Solutions ...
D2U5T-H3-7000-54-HU4C MURATA-PS-D2U5T-H3-7000-54-HU4C Datasheet
987Kb / 8P
   AC-DC Three Phase Power Converter
2017
D2U5T-H3-7000-54-HU4C MURATA-PS-D2U5T-H3-7000-54-HU4C_V01 Datasheet
987Kb / 8P
   AC-DC Three Phase Power Converter
2017
More results

Similar Description - D2U5T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D2U5T-H3-5000-380-HU3C MURATA-PS-D2U5T-H3-5000-380-HU3C Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
logo
Murata Manufacturing Co...
D2U5T-H3-7000-54-HU4C MURATA-D2U5T-H3-7000-54-HU4C Datasheet
379Kb / 8P
   AC-DC Three Phase Power Converter
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com