Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54613 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54613
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54613 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54613 Datasheet HTML 7Page - Texas Instruments TPS54613 Datasheet HTML 8Page - Texas Instruments TPS54613 Datasheet HTML 9Page - Texas Instruments TPS54613 Datasheet HTML 10Page - Texas Instruments TPS54613 Datasheet HTML 11Page - Texas Instruments TPS54613 Datasheet HTML 12Page - Texas Instruments TPS54613 Datasheet HTML 13Page - Texas Instruments TPS54613 Datasheet HTML 14Page - Texas Instruments TPS54613 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TPS54610
SLVS398D − JUNE 2001 − REVISED JULY 2003
www.ti.com
11
Figure 21 shows the schematic diagram for a reduced
size, high frequency application using the TPS54610. The
TPS54610 (U1) can provide up to 6 A of output current at
a nominal output voltage of 1.8 V. A small size 0.56 uH
inductor is used and the switching frequency is set to 680
kHz by R1. The compensation network is optimized for fast
transient response as shown in Figure 21. For good
thermal performance, the PowerPAD underneath the
integrated circuit TPS54610 needs to be soldered well to
the printed-circuit board. Application information is
available in TI literature number SLVA107, Designing for
Small-Size, High-Frequency Applications With Swift
Family of Synchronous Buck Regulators.
6
VIN
24
23
22
21
20
VIN
VIN
VIN
VIN
14
13
12
11
10
9
8
7
PH
PH
PH
PH
PH
PH
PH
PH
PH
5
BOOT
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
POWERPAD
AGND
VSENSE
COMP
PWRGD
SS/ENA
SYNC
RT
28
27
26
VBIAS
25
4
3
2
1
U1
TPS54610PWP
C7
0.047
µF
L1
0.56
µH
C8
150
µF
+
C9
150
µF
+
C10
1 pF
VO
R2
10 k
C5
470 pF
R3
39
R5
1.47 k
VI
C1
10
µF
C2
10
µF
R4
2.4
C11
3300 pF
C3
0.047
µF
C4
1
µF
C6
470 pF
R6
1.5 k
C12
0.012
µF
R1
71.5 k
Figure 21. Small Size, High Frequency Design
Figure 22
10
µs/div
TRANSIENT RESPONSE, 1.5-A to 4.5-A STEP


Similar Part No. - TPS54613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613 TI-TPS54613 Datasheet
1Mb / 28P
[Old version datasheet]   TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54613-EP TI1-TPS54613-EP Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54613-Q1 TI-TPS54613-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Similar Description - TPS54613

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com