Electronic Components Datasheet Search |
|
442SA3U102BDN Datasheet(PDF) 2 Page - CTS Corporation |
|
442SA3U102BDN Datasheet(HTML) 2 Page - CTS Corporation |
2 / 2 page MOUNTING STYLE T – TOP MOUNT B – BOTTOM MOUNT S – SIDE MOUNT N – NO MOUNTING TABS TRAVEL A – 1.250" (31.7mm) ACTUATOR LENGTH 2 – .250" (6.35mm) 3 – .375" (9.53mm) 4 – .500" (12.7mm) 6 – .750" (19.1mm) 8 – 1.000" (25.4mm) R – .218" (5.54mm) S – .313" (7.98mm) T – .438" (11.13mm) TERMINAL STYLE T – SOLDER LUG X – STRAIGHT P.C. W– WIREWRAP H – HOOK TYPE,SNAP-IN SPECIALS N – NO SPECIALS C – CENTER DETENT Ordering Information CTS Series 442 442 103 DIMENSION: mm INCH RESIST TOL A – ±10% B – ±20% C – ±30% TAPER D – LINEAR A – CW 10% AUD B – CCW 10% AUD RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 104 100K 105 1MEG .063 2.11 Ø2.08 .082 5.16 1.586 OF ACTUATOR Ø2.08 SUGGESTED PANEL PIERCING VIEWED FROM TOP SIDE FOR TWIST TABS AND ACTUATOR FROM TOP SIDE FOR TWIST TABS SUGGESTED PANEL PIERCING VIEWED 52.10 2.051 MAX. 1.250±.002 31.70±0.50 STROKE 3.56±0.13 .140±.005 5.59±0.13 .220±.005 L ± .375±.008 9.53±0.20 0.38 .015 13.77±0.13 .542±.005 38.1 1.500 2.038 51.77 6.83 .269 3.18 .125 .164 4.17 .056 1.42 4.17 .164 2.038 51.77 .056 1.42 OF ACTUATOR 2.54 2.06 40.28 5.16 40.28 .203 .082 (3) 1.60 .083 1.586 .203 Ø2.08 .082 (3) .100 .081 SUGGESTED PANEL PIERCING VIEWED FROM CENTERLINE OF CONTROL FOR VERTICAL P.C. TERMINALS CONTROL SIDE FOR STRAIGHT P.C. & WIREWRAP TERMINALS SUGGESTED PANEL PIERCING VIEWED FROM 4.32 .170 ±0.76 ±.030 ±0.76 10.16 .400 ±.030 ±0.76 9.91 .390 ±.030 STRAIGHT P.C. SOLDER LUG WIRE WRAP MOUNTING SURFACE P.C. BOARD Ø2.13 .084 CHECK CTS FOR AVAILABILITY CONSTRUCTION NO MOUNT .528±.010 13.41±0.25 4.32±0.76 .170±.030 5.54 .218 LOW END .180±.030 4.57±0.76 7.29 .287 .439 11.15 .078 1.98 3.96±0.13 .156±.005 6.76 .266 .328 8.33 5.54±0.13 .218±.005 .156±.005 3.96±0.13 2.36±0.13 .093±.005 3.96 .156 20.88 .822 .604 15.34 .156 ±.005 3.96 ±0.13 .218±.005 5.54±0.13 5.54±0.13 .218±.005 BOTTOM MOUNTING SURFACE SURFACE SIDE MOUNTING L C L C B D N T 2 A T ±0.30 1.30 .051 ±.012 VERTICAL P.C. VERTICAL P.C.(”U” style) Ø2.08 .082 5.16 .203 40.28 1.586 8.45 .333 9.40 .370 CENTERLINE 2 - 2 © 2016 CTS Corporation. All rights reserved. I nformation subject to change. 01/12/16 CTS Electrocomponents www.ctscorp.com U – VERTICAL P.C. CONTROL SIDE FOR SNAP-IN P.C. TERMINALS SUGGESTED PANEL PIERCING VIEWED FROM “X” Style “T” Style “W” Style “U” Style HOOK TYPE,SNAP-IN (”H” style) Note: Consult CTS for other common features not listed. |
Similar Part No. - 442SA3U102BDN |
|
Similar Description - 442SA3U102BDN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |