Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54672 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54672
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54672 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54672 Datasheet HTML 5Page - Texas Instruments TPS54672 Datasheet HTML 6Page - Texas Instruments TPS54672 Datasheet HTML 7Page - Texas Instruments TPS54672 Datasheet HTML 8Page - Texas Instruments TPS54672 Datasheet HTML 9Page - Texas Instruments TPS54672 Datasheet HTML 10Page - Texas Instruments TPS54672 Datasheet HTML 11Page - Texas Instruments TPS54672 Datasheet HTML 12Page - Texas Instruments TPS54672 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TPS54610
SLVS398D − JUNE 2001 − REVISED JULY 2003
www.ti.com
9
OPERATING FREQUENCY
In the application circuit, the 350 kHz operation is selected
by leaving RT and SYNC open. Connecting a 180 k
Ω to 68
k
Ω resistor between RT (pin 28) and analog ground can be
used to set the switching frequency to 280 kHz to 700 kHz.
To calculate the RT resistor, use the equation below:
R
+
500 kHz
Switching Frequency
100 [k
W]
OUTPUT FILTER
The output filter is composed of a 4.7-
µH inductor and two
470-
µF capacitors. The inductor is a low dc resistance (12
m
Ω) type, Coiltronics UP3B−4R7. The capacitors used
are 4 V POSCAP types with a maximum ESR of 0.040
Ω.
The feedback loop is compensated so that the unity gain
frequency is approximately 25 kHz.
GROUNDING AND POWERPAD LAYOUT
The TPS54610 has two internal grounds (analog and
power). Inside the TPS54610, the analog ground ties to all
of the noise sensitive signals, while the power ground ties
to the noisier power signals. The PowerPAD must be tied
directly to AGND. Noise injected between the two grounds
can degrade the performance of the TPS54610,
particularly at higher output currents. However, ground
noise on an analog ground plane can also cause problems
with some of the control and bias signals. Therefore,
separate
analog
and
power
ground
planes
are
recommended. These two planes must tie together
directly at the IC to reduce noise between the two grounds.
The only components that must tie directly to the power
ground plane are the input capacitor, the output capacitor,
the input voltage decoupling capacitor, and the PGND pins
of the TPS54610. The layout of the TPS54610 evaluation
module is representative of a recommended layout for a
4-layer
board.
Documentation
for
the
TPS54610
evaluation module can be found on the Texas Instruments
web site under the TPS54610 product folder. See the
TPS54610 EVM user’s guide, TI literature number
SLVU054, and the application note, TI literature number
SLVA104.
LAYOUT CONSIDERATIONS FOR THERMAL
PERFORMANCE
For operation at full rated load current, the analog ground
plane must provide an adequate heat dissipating area. A
3-inch by 3-inch plane of 1 ounce copper is recommended,
though not mandatory, depending on ambient temperature
and airflow. Most applications have larger areas of internal
ground plane available, and the PowerPAD must be
connected to the largest area available. Additional areas
on the top or bottom layers also help dissipate heat, and
any area available must be used when 6 A or greater
operation is desired. Connection from the exposed area of
the PowerPAD to the analog ground plane layer must be
made using 0.013 inch diameter vias to avoid solder
wicking through the vias. Eight vias must be in the
PowerPAD area with four additional vias located under the
device package. The size of the vias under the package,
but not in the exposed thermal pad area, can be increased
to 0.018. Additional vias beyond the twelve recommended
that enhance thermal performance must be included in
areas not under the device package.
Connect Pin 1 to Analog Ground Plane
in This Area for Optimum Performance
Minimum Recommended Top
Side Analog Ground Area
0.3478
0.0150
0.06
0.0256
0.1700
0.1340
0.0630
0.0400
Ø 0.0180
4 PL
0.2090
Ø 0.0130
8 PL
Minimum Recommended Exposed
Copper Area for Powerpad. 5mm
Stencils May Require 10 Percent
Larger Area
0.0650
0.0500
0.0500
0.0650
0.0339
0.0339
0.0500
Minimum Recommended Thermal Vias: 8 x 0.013 Diameter Inside
Powerpad Area 4 x 0.018 Diameter Under Device as Shown.
Additional 0.018 Diameter Vias May Be Used if Top Side Analog Ground
Area Is Extended.
0.3820
Figure 11. Recommended Land Pattern for 28-Pin PWP PowerPAD
(1)


Similar Part No. - TPS54672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54672 TI-TPS54672 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54672PWP TI1-TPS54672PWP Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54672PWPG4 TI1-TPS54672PWPG4 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54672PWPR TI1-TPS54672PWPR Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Similar Description - TPS54672

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com