Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKR-T Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # OKR-T
Description  Adjustable Output 6-Amp SIP-mount DC/DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKR-T Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button OKR-T Datasheet HTML 3Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 4Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 5Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 6Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 7Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 8Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 9Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 10Page - Murata Power Solutions Inc. OKR-T Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MECHANICAL SPECIFICATIONS
INPUT/OUTPUT CONNECTIONS
OKR-T-W12
Pin
Function P73
1
Remote On/Off Control
2+VIN
3
Ground
4+VOUT
5
Output Trim
Figure 2. OKR Series
Component locations are typical.
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
0.05 (1.3)
0.05 (1.3)
0.067 (1.7)
0.134 (3.4)
0.067 (1.7)
0.134 (3.4)
0.205
(5.2)
0.30
(7.62)
0.15 (3.8)
0.15 (3.8)
0.032
(0.81)
0.032
(0.81)
0.05
(1.3)
REF
THK
0.05
(1.3)
REF
THK
0.20
(5.1)
OKR-T/3
Case C72
0.22
(5.6)
0.12
(3.05)
Pin #1
Pin diameter: 0.032 (0.81)
Tolerance: ±0.002 (±0.05)
Pin material: Copper alloy
Pin finish: Pure matte tin 100-300 μin.
over 75-100 μin. nickel
Pin #1
CL
Pin #5
0.41 (10.4)
0.65 (16.5)
OKR-T/6
OKR-T/10
Case C90
MIN FOR T/6, T/10
5x
0.056 MAX
ANNULAR RING
0.100 (0.004)
0.21
(0.008)
0.050 (0.002)
0.42
(0.017)
0.24 (0.009) MIN FOR T/3
0.32 (0.013)
5x PTH
0.037±0.003
RECOMMENDED FOOTPRINT
(VIEWED FROM TOP)
5
1234
OKR-T/6 Series
Adjustable Output 6-Amp SIP-mount DC/DC Converters
MDC_OKR-T/6-W12 Series.B06 Page 8 of 11
www.murata-ps.com/support


Similar Part No. - OKR-T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T/1.5-W12-C MURATA-OKR-T/1.5-W12-C Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T/10-W12 MURATA-PS-OKR-T/10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
More results

Similar Description - OKR-T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKR-T6 MURATA-PS-OKR-T6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T3 MURATA-PS-OKR-T3 Datasheet
220Kb / 3P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3_10 Datasheet
475Kb / 11P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T10-W12 MURATA-PS-OKR-T10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
LSS-T10-W12 MURATA-LSS-T10-W12 Datasheet
600Kb / 8P
   Adjustable Output 10 Amp SIP-mount DC/DC Converter
logo
Murata Power Solutions ...
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T5-W5 MURATA-PS-OKX-T5-W5 Datasheet
847Kb / 13P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com