Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5K6R3471M0809 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PE5K6R3471M0809
Description  Conductive Polymer Aluminum Solid Capacitors (Radial type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PE5K6R3471M0809 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PE5K6R3471M0809 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PE5K6R3471M0809 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitors
(Radial type)
RoHS
MERITEK
PE5K Series
FEATURES
Super low ESR, high ripple current capability
Rated voltage: 2.5VDC ~16VDC
Endurance: 5000hours at 105ºC
Suitable for DC-DC converters, voltage regulators and decoupling applications.
SPECIFICATIONS
Item
Characteristic
Category Temperature Range
-55ºC ~ +105C
Rated Voltage Range
2.5VDC ~ 16VDC
Surge Voltage
Rated voltage x 1.15V
at +105C
Capacitance Tolerance
M=±20%
at 120Hz, 20ºC
Leakage Current
Shall not exceed values shown in standard ratings
at 20ºC after 2 minutes
Dissipation Factor ( tan  )
0.1 (max)
at 120Hz, 20ºC
Temperature Stability
Impedance change
Z(-55ºC)/Z(+20ºC)≤1.25
at -55C, 100kHz
Z(+105ºC)/Z(+20ºC)≤1.25
at +105C, 100kHz
Endurance
Appearance: no significant damage
Capacitance change: ≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR: ≤ 150% of the initial specified value
Leakage current: ≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
the rated voltage is applied for 5000hours
at 105ºC
Damp Heat, Steady State
Appearance: no significant damage
Capacitance change: ≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR: ≤ 150% of the initial specified value
Leakage current: ≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
subjecting them to store at 60ºC, 90%~
95% R.H. for 1000hours, without DC
applied.
Surge Voltage
Appearance: no significant damage
Capacitance change: ≤ ±20% of the initial value
DF(tanδ): ≤ 150% of the initial specified value
ESR: ≤ 150% of the initial specified value
Leakage current: ≤ the initial specified value
The capacitors shall be subjected to
1,000 cycles each consisting of charge
with the surge voltages specified at
105ºC for 30 seconds through a
protective resistor (R=1kΩ) and
discharge for 5 minutes 30 seconds
NOTE:
If any doubt arises, measure the leakage current after following voltage treatment -
Voltage treatment: DC rated voltage is applied to the capacitors for 60 minutes at 105ºC
DIMENSIONS (mm)
Size code
0509
0606
0609
0809
0812
1012
BD+0.5 (max)
5.0
6.3
6.3
8.0
8.0
10.0
BL,(max)
9.0
6.0
9.0
9.0
12.0
12.0
Φd±0.05
0.5
0.45
0.6
0.6
0.6
0.6
LS±0.4
2.0
2.5
2.5
3.5
3.5
5.0
LL±0.3
3.2
3.2
3.2
3.2
3.2
3.2


Similar Part No. - PE5K6R3471M0809

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5001 PASTERNACK-PE5001 Datasheet
243Kb / 2P
   Crimp Tool With 0.068, 0.213, 0.255 Hex Sizes For RG55, RG58, RG59, RG62, RG142, RG223 RG400
PE5004-KIT PASTERNACK-PE5004-KIT Datasheet
380Kb / 2P
   TECHNICAL DATA SHEET
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
   COAXIAL CRIMPING TOOL
PE5007 PASTERNACK-PE5007 Datasheet
205Kb / 2P
   Crimp Tool With 0.100, 0.429 Hex Sizes For RG9, RG11, RG87A,RG149, RG165, RG213, RG214, RG216, RG225, RG393
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
   PRODUCTION GRADE SCISSOR CRIMPING TOOL
More results

Similar Description - PE5K6R3471M0809

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5P MERITEK-PE5P Datasheet
813Kb / 6P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PEEP MERITEK-PEEP Datasheet
635Kb / 8P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com