Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP-150B Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # TP-150B
Description  150W Triple Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP-150B Datasheet(HTML) 3 Page - Astrodyne Corporation

  TP-150B Datasheet HTML 1Page - Astrodyne Corporation TP-150B Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
T P - 1 5 0 / D R L series
150W Triple Output with PFC Function
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
A B
PSU
DRL
DRL Clip & Bracket
Dimension A: 0.51”
Dimension B: 0.36”


Similar Part No. - TP-150B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-150B ASTRODYNE-TP-150B Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150B MEANWELL-TP-150B Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150B RSG-TP-150B Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150B MEANWELL-TP-150B Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Total Power Internation...
TP-150B TOTAL-POWER-TP-150B Datasheet
296Kb / 2P
   150W Triple Output with PFC Function
More results

Similar Description - TP-150B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150_10 Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP150 ASTRODYNE-TP150 Datasheet
305Kb / 4P
   150W Triple Output with PFC Function
logo
Total Power Internation...
TP-150 TOTAL-POWER-TP-150 Datasheet
296Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com