Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C650-260-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # C650-260-WH
Description  TBU High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

C650-260-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  C650-260-WH Datasheet HTML 1Page - Bourns Electronic Solutions C650-260-WH Datasheet HTML 2Page - Bourns Electronic Solutions C650-260-WH Datasheet HTML 3Page - Bourns Electronic Solutions C650-260-WH Datasheet HTML 4Page - Bourns Electronic Solutions C650-260-WH Datasheet HTML 5Page - Bourns Electronic Solutions C650-260-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C650 and C850 Series TBU® High-Speed Protectors
Product Dimensions
32
1
PIN 1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
A1
SEATING PLANE
B
D
A
H
H
K
K
F
D
J
J
E
XXXXX
YWWLL
DIMENSIONS:
MM
(INCHES)
Dim.
Min.
Typ.
Max.
A
0.80
(.031)
0.90
(.035)
1.00
(.039)
A1
0.00
(.000)
0.025
(.001)
0.050
(.002)
B
8.15
(.321)
8.25
(.325)
8.35
(.329)
C
3.90
(.154)
4.00
(.157)
4.10
(.161)
D
2.55
(.100)
2.60
(.102)
2.65
(.104)
E
1.10
(.043)
1.15
(.045)
1.20
(.047)
F
3.45
(.136)
3.50
(.138)
3.55
(.140)
H
0.20
(.008)
0.25
(.010)
0.30
(.012)
J
0.65
(.026)
0.70
(.028)
0.75
(.030)
K
0.20
(.008)
0.25
(.010)
0.30
(.012)
Recommended Pad Layout
3.55
(.140)
0.70
(.028)
1.15
(.045)
2.625
(.103)
Pad #
Apply
1
In/Out
2NC
3
In/Out
NC = Solder to PCB; do not make electrical
connection, do not connect to ground.
Pad Designation
TBU® protectors have matte-tin termination finish. Suggested layout should use non-solder mask define (NSMD). Recommended stencil thick-
ness is 0.10-0.12 mm (.004-.005 in.) with stencil opening size 0.025 mm (.0010 in.) less than the device pad size. As when heat sinking any
power device, it is recommended that, wherever possible, extra PCB copper area is allowed. For minimum parasitic capacitance, do not allow
any signal, ground or power signals beneath any of the pads of the device.
Thermal Resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to leads (package)
116
°C/W
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - C650-260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-260-WH BOURNS-C650-260-WH Datasheet
648Kb / 6P
   Transient Blocking Units - TBU??Devices
C650-260-WH BOURNS-C650-260-WH Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
C650-260-WH BOURNS-C650-260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results

Similar Description - C650-260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com