Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2420-79-G-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2420-79-G-S
Description  5-Pin Gas Discharge Tube (GDT) Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2420-79-G-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2420-79-G-S Datasheet HTML 1Page - Bourns Electronic Solutions 2420-79-G-S Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19.0
(0.75)
11.2
(0.440)
5.6
(0.220)
42.17
(1.66)
29.9
(1.18)
10.2
(0.40)
5.1
(0.20)
11.2
(0.44)
12.8
(0.50)
2.2
(.085)
DIA.
2 PLCS.
2.3
(.092)
DIA.
5 PLCS.
3.6
(0.14)
6.1
(0.240)
5.7
(0.223)
“MSP” and “TRIGARD” are registered trademarks of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2420 Series - 5-Pin Gas Discharge Tube (GDT) Protector
Product Dimensions
REV. P 04/15
DIMENSIONS:
MM
(INCHES)
How To Order
2420 - X XX - X - XX
Model Number Designator
Module Length
3 = Standard: 52.37 mm (2.06 in.)
7 = Special Short: 41.19 mm (1.62 in.)
Housing Color/Circuit Type
1 = Black/Standard
7 = Violet/Standard
3 = Red/Special
9 = Orange/Standard Service (non-Bridgelifter)
6 = Blue/Standard
10 = Yellow/Standard
Pin Plating
G = Gold Plated
N = Tin Plated
Special Options
S = Sealed Case
ST = Sealed Case and Test Points*
T = Test Points*
*T and ST options are not available on 2420-7x short module.
Examples:
3B1E = 2420-31-G (black, no test points)
3C1E = 2420-31-G-T (black, with test points)
3B3E = 2420-33-G (red, no test points)
3C3E = 2420-33-G-T (red, with test points)
30.99
(1.22)
24.9
(0.98)
10.2
(0.40)
5.1
(0.20)
6.15
(0.24)
2420-3 MODULE
2420-7 MODULE
Schematic
EQUIPMENT
TIP
EQUIPMENT
RING
O.P.
TIP
GND
O.P.
RING
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390
Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2420-79-G-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-005 ETC2-2420-005 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-010 ETC2-2420-010 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-025 ETC2-2420-025 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-050 ETC2-2420-050 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
More results

Similar Description - 2420-79-G-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
242031GS BOURNS-242031GS Datasheet
234Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com