Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM78M12S Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM78M12S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78M12S Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM78M12S Datasheet HTML 2Page - New Japan Radio NJM78M12S Datasheet HTML 3Page - New Japan Radio NJM78M12S Datasheet HTML 4Page - New Japan Radio NJM78M12S Datasheet HTML 5Page - New Japan Radio NJM78M12S Datasheet HTML 6Page - New Japan Radio NJM78M12S Datasheet HTML 7Page - New Japan Radio NJM78M12S Datasheet HTML 8Page - New Japan Radio NJM78M12S Datasheet HTML 9Page - New Japan Radio NJM78M12S Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJM78M00S
- 6 -
Ver.2016-01-08
■TYPICAL CHARACTERISTICS (5V)
4.0
4.5
5.0
5.5
6.0
5
6
7
8
9
10
NJM78M05SDL1
Output Voltage vs. Input Voltage
Input Voltage : V
IN [V]
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
I
O=0mA
I
O=350mA
I
O=500mA
0
1
2
3
4
5
6
-50 -25
0
25
50
75 100 125 150 175 200
Temperature [ºC]
NJM78M05SDL1
Output Voltage vs. Temperature
V
IN=10V
I
O=350mA
C
IN=0.33µF
C
O=0.1µF
0
1
2
3
4
5
6
0
500
1000
1500
Output Current : I
O [mA]
NJM78M05DL1
Output Voltage vs. Output Current
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
V
IN=10V
V
IN=19V
V
IN=32V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
Input Voltage : V
IN [V]
NJM78M05SDL1
Quiescent Current vs. Input Voltage
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125 150
Temperature : [ºC]
NJM78M05SDL1
Quiescent Current vs. Temperature
V
IN=10V
I
O=0mA
C
IN=0.33µF
C
O=0.1µF
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Output Current : I
O [mA]
NJM78M05SDL1
Equivalent Series Resistance vs. Output Current
V
IN=10V
C
IN=0.33µF(Ceramic)
C
O=0.1µF(Ceramic)
T
j=25ºC
STABLE REGION


Similar Part No. - NJM78M12S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78M12DL1A NJRC-NJM78M12DL1A Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M12DL1A-TE1 NJRC-NJM78M12DL1A-TE1 Datasheet
522Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78M12DL1A-TE2 NJRC-NJM78M12DL1A-TE2 Datasheet
522Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78M12FA NJRC-NJM78M12FA Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M12FA NJRC-NJM78M12FA Datasheet
522Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78M12S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com