Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2420-710-G-T Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2420-710-G-T
Description  5-Pin Gas Discharge Tube (GDT) Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2420-710-G-T Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2420-710-G-T Datasheet HTML 1Page - Bourns Electronic Solutions 2420-710-G-T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Superior protection at a low price
Balanced TRIGARD® protection
Patented Switch-Grade Fail-Short device
Quick response and high energy handling
Low capacitance (<2.5 pF) - ideal for high-
speed networks in high exposure
environments
Meets test requirements of Telcordia
GR 974, GR1361, SBC SR 5165 and
RUS PE-80
Telcordia Analysis report DA-1547
Listed per UL 497 (File: 53117)
Solid brass, gold-plated pins
Test point access option
Sealed option for harsh environments
Characteristics
2420 Series - 5-Pin Gas Discharge Tube (GDT) Protector
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
The Bourns® 3-type Model 2420 overvoltage protection modules utilize Bourns’ proprietary high-efficiency gas discharge tube with our
patented Switch-Grade Fail-Short mechanism to provide robust and reliable surge and thermal overload protection at a very
competitive price. The 2420 Series is based on Bourns’ three-terminal common chamber GDT. This design provides greatly
improved and balanced turn-on characteristics for overvoltage protection. The GDT is UL listed for use without a back-up
device. Air back-up devices can become contaminated; the circuitry of the 2420 eliminates the air back-up gap and thus the possibility of
its contamination. Our unique Switch-Grade Fail-Short device provides more reliable thermal overload protection compared to com-
monly used solder pellet or insulation burn-through designs.
Bourns® Model 2420 Series 5-pin protectors can be used universally for broadband voice and data circuits including ADSL, ADSL2+,
VDSL, VDSL2 and high-speed Ethernet. The 2420 Series is an economical, reliable and low capacitance choice for overvoltage
protection of copper pair circuits.
Test Methods per UL 497, CSA C22.2, Telcordia GR 974, 1361 and SBC SR 5165.
DC Breakdown ............................................................................................................................................... 280-420 V
AC Breakdown @ 60 Hz ................................................................................................................................ 280-420 V
Impulse Breakdown
100 V/μs .................................................................................................................................................... 625 V
1000 V/μs .................................................................................................................................................. 875 V
Insulation Resistance @ 100 Vdc .................................................................................................................. >1 GΩ
Insertion Loss @ 100 MHz ............................................................................................................................. Exceeds Category 5
Return Loss @ 100 MHz ................................................................................................................................ Exceeds Category 5
Capacitance Tip to Ring @ 1 MHz ................................................................................................................. <1.25 pF typical
Capacitance Tip or Ring to Ground @ 1 MHz ................................................................................................ <2.50 pF typical
Impulse Reset 1
52 V, 260 mA ............................................................................................................................................. <10 ms
135 V, 200 mA ........................................................................................................................................... <10 ms
150 V, 200 mA ........................................................................................................................................... <150 ms
Impulse Life Characteristics (Tip and Ring to Ground Simultaneously)
10 A, 10/1000 μs ....................................................................................................................................... >3000 operations
100 A, 10/1000 μs ..................................................................................................................................... >300 operations
300 A, 10/1000 μs ..................................................................................................................................... >100 operations
500 A, 10/1000 μs ..................................................................................................................................... >400 operations2
2,000 A, 10/250 μs .................................................................................................................................... >25 operations
5,000 A, 20/100 μs .................................................................................................................................... >2 operations
20,000 A, 8/20 μs ...................................................................................................................................... >1 operation
AC Life Characteristics (Tip and Ring to Ground Simultaneously)
0.5 A rms continuous ................................................................................................................................. >30 seconds
1 A rms, 1 second, 600 ft. cable ................................................................................................................ >60 operations
1 A rms, 1 second, 1 mile cable................................................................................................................. >60 operations
10 A rms, 1 second .................................................................................................................................... >5 operations
65 A rms, 11 cycles.................................................................................................................................... >1 operation2
120 A rms, 0.1 second ............................................................................................................................... 1 operation
High Current Capability and Thermal Operation (Tip and Ring to Ground).................................................... >30 A rms, 15 min.
Storage and Operating Temperature .............................................................................................................. -55 to +85 °C
Telcordia analyzed for controlled (non-sealed) and uncontrolled, high-exposure (sealed) environments per GR 974 and SBC SR 5165.
Telcordia Technical Analysis Report DA-1547.
Notes:
1
Network applied
2
Per RUS PE-80
Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.


Similar Part No. - 2420-710-G-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-005 ETC2-2420-005 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-010 ETC2-2420-010 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-025 ETC2-2420-025 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2420-050 ETC2-2420-050 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
More results

Similar Description - 2420-710-G-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
242031GS BOURNS-242031GS Datasheet
234Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com