Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL244C-EVB-A0 Datasheet(PDF) 9 Page - AverLogic Technologies Inc

Part # AL244C-EVB-A0
Description  Evaluation Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL244C-EVB-A0 Datasheet(HTML) 9 Page - AverLogic Technologies Inc

Back Button AL244C-EVB-A0 Datasheet HTML 4Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 5Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 6Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 7Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 8Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 9Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 10Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 11Page - AverLogic Technologies Inc AL244C-EVB-A0 Datasheet HTML 12Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©2006-2009 Copyright by AverLogic Technologies, Corp.
9
2.4 Switch definitions
SW2: Video format / input source selector
0000= NTSC,
0001= PAL
SW1: Video output signal selector
0001= Flip LLC
0010=Color bar
0100=Multi-burst
1000=Color Ramp
SW3: Video quality selector
0000 : Contrast
(input)
0001 : Brightness
(input)
0010 : Saturation
(input)
0100 : Hue
(input)
SW4: decoder function selector
0000 : PLL for decoder and LLC out
0001 : X’in for decoder and LLC
0010 : Double edge X’in for decoder and LLC
0100 : 54 MHz CIF out
1000 : 54 MHz D1 2 decoder mode
1111 : 54 MHz Ext’clock in 27 LLC out
2.5 Keypad definitions:
SW5 : Up
SW4 : Enter / Menu
SW2 : Down
SW1 : Store
2.6 Decoder output bus definitions
CON2
PIN1
A D0
PIN2
A D1
PIN3
A D2
PIN4
A D3
PIN5
A D4


Similar Part No. - AL244C-EVB-A0

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL244 AVERLOGIC-AL244 Datasheet
61Kb / 4P
   Flyer (4-in-1 Video Decoder)
AL244A-LF AVERLOGIC-AL244A-LF Datasheet
61Kb / 4P
   Flyer (4-in-1 Video Decoder)
AL244A-LF-PBF AVERLOGIC-AL244A-LF-PBF Datasheet
61Kb / 4P
   Flyer (4-in-1 Video Decoder)
More results

Similar Description - AL244C-EVB-A0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com