Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL300B-EVB-A0 Datasheet(PDF) 5 Page - AverLogic Technologies Inc

Part # AL300B-EVB-A0
Description  Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL300B-EVB-A0 Datasheet(HTML) 5 Page - AverLogic Technologies Inc

  AL300B-EVB-A0 Datasheet HTML 1Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 2Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 3Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 4Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 5Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 6Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 7Page - AverLogic Technologies Inc AL300B-EVB-A0 Datasheet HTML 8Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AL300B-EVB-A0 User Manual
-----------------------------------------------------------------------------------------------------------------------------------------------------------------
2005 Copyright by AverLogic Technologies, Corp.
Version 02
5
3.3
Hardware Configuration Using Keypad
! Input Format Select ----- S9 (RGB: PC Input; YUV: Video Input)
! Video Input Select
----- S7 (CVBS/S-Video/YCbCr)
! System Reset
----- S8
! Enter Debug Mode
----- S1+S4 (press simultaneously)
*Entering debug mode allows registers access (slave address = 70h)
! Exit Debug Mode
----- S6
4 Operating Menu
4.1
Assigned Key Function
Key Number
Function Descriptions
S6:
Exit
S5:
Enter
S4:
Down
S3:
Up
S2:
Left / (+)
S1:
Right / (-)
4.2
Main Menu
During normal operating mode, press “S5” will enter the Main Menu, which includes eight
sub-menus.
Note: during PC input demonstration, “VIDEO INPUT” appears as “PHASE”
POSITION
VIDEO INPUT
SIZE
BORDER
COLOR
SAVE
RESET
OTHERS


Similar Part No. - AL300B-EVB-A0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL300 ETC-AL300 Datasheet
679Kb / 64P
   LCD Monitor Controller
AL3000 ETC2-AL3000 Datasheet
24Kb / 2P
   IP Frame Routing Processor
More results

Similar Description - AL300B-EVB-A0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com