Electronic Components Datasheet Search |
|
SMLJ17A Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SMLJ17A Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page Features n RoHScompliant* n SurfaceMountSMCpackage n StandoffVoltage:5.0to170volts n PowerDissipation:3000watts Applications n IEC61000-4-2ESD(Min.Level4) n IEC61000-4-4EFT n IEC61000-4-5Surge Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) SMLJTransientVoltageSuppressorDiodeSeries *RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011. Specificationsaresubjecttochangewithoutnotice. Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. Parameter Symbol Value Unit Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2) PPK 3000 Watts Peak Forward Surge Current 8.3 ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) IFSM 300 Amps Steady State Power Dissipation @ TL = 75 °C PM(AV) 5.0 Watts Maximum Instantaneous Forward Voltage @ IPP = 100 A (For Unidirectional Units Only) SMLJ5.0A ~ SMLJ90A SMLJ100A ~ SMLJ170A VF 3.5 5.0 Volts Operating Temperature Range TJ -55 to +150 °C Storage Temperature Range TSTG -55 to +150 °C 1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve. 2. Thermal Resistance Junction to Lead. 3. 8.3 ms Single Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). General Information The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ps for unidirectional devices and less than 5.0 ps for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away. Asia-Pacific: Tel: +886-2 2562-4117 Email: asiacus@bourns.com Europe: Tel: +36 88 520 390 Email: eurocus@bourns.com The Americas: Tel: +1-951 781-5500 Email: americus@bourns.com www.bourns.com How to Order SMLJ 5.0 CA - H Package SMLJ = SMC/DO-214AB Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) Suffix A = 5 % Tolerance Unidirectional Device CA = 5 % Tolerance Bidirectional Device Reel (blank) = 13 inch reel -H = 7 inch reel |
Similar Part No. - SMLJ17A |
|
Similar Description - SMLJ17A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |